Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 69 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 69 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 65Page - Advanced Micro Devices AMD-766AC Datasheet HTML 66Page - Advanced Micro Devices AMD-766AC Datasheet HTML 67Page - Advanced Micro Devices AMD-766AC Datasheet HTML 68Page - Advanced Micro Devices AMD-766AC Datasheet HTML 69Page - Advanced Micro Devices AMD-766AC Datasheet HTML 70Page - Advanced Micro Devices AMD-766AC Datasheet HTML 71Page - Advanced Micro Devices AMD-766AC Datasheet HTML 72Page - Advanced Micro Devices AMD-766AC Datasheet HTML 73Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
69
PM02: Power Management 1 Enable Register
IO mapped (base pointer: C3A58); offset: 03-02h. Default: 0000h. Read-write.
These bits work in conjunction with the corresponding bits in PM00 to generate SCI or SMI interrupts.
15:11
10
9
8
Reserved
RTC_EN
SLPBTN_EN
PWRBTN_EN
7:6
5
4:1
0
Reserved
GBL_EN
Reserved
TMR_EN
TMR_EN. ACPI timer SCI enable. 1=Enable an SCI interrupt when PM00[TMR_STS] is set high. Note: This
results in an SCI interrupt, regardless as to the state of PM04[SCI_EN].
GBL_EN. Global SCI enable. 1=Enable an SCI interrupt when PM00[GBL_STS] is set high. Note: This results in
an SCI interrupt, regardless as to the state of PM04[SCI_EN].
PWRBTN_EN. Power button SCI/SMI enable. 1=Enable either an SCI or an SMI interrupt (based on the state of
PM04[SCI_EN]) when PM00[PWRBTN_STS] is set high.
SLPBTN_EN. Sleep button SCI/SMI enable. 1=Enable either an SCI or an SMI interrupt (based on the state of
PM04[SCI_EN]) when PM00[SLPBTN_STS] is set high.
RTC_EN. Real time clock alarm SCI/SMI enable. 1=Enable either an SCI or an SMI interrupt (based on the state
of PM04[SCI_EN]) when PM00[RTC_STS] is set high.
PM04: Power Management 1 Control Register
IO mapped (base pointer: C3A58); offset: 05-04h. Default: 0000h.
15:14
13
12:10
9:3
2
1
0
Reserved
SLP_EN
SLP_TYP
Reserved
GBL_RLS
BM_RLD
SCI_EN
SCI_EN. SCI-SMI select. Read-write. Selects the type of interrupt generated by power management events.
0
SMI interrupt.
1
SCI interrupt.
Certain power management events may be programmed individually to generate SMI interrupts independent of the
state of this bit. Also, TMR_STS and GBL_STS always generate SCI interrupts regardless as to the state of this bit.
See section 4.6.1.1 for details.
BM_RLD. Bus master reload. Read-write. 1=Enables PM00[BM_STS] to resume from C3.
GBL_RLS. Global release. Read; write 1 to set; cleared by hardware. When this bit is set high, the hardware sets
PM28[BIOS_STS] high. GBL_RLS is cleared by the hardware when PM28[BIOS_STS] is cleared by software.
SLP_TYP. Sleep type. Read-write. Specifies the type of sleep state the system enters when SLP_EN is set high.
0
FON, S0. Full on.
1
POS, S1. Power on suspend.
2-4
Reserved.
5
STR, S3. Suspend to RAM.
6
STD, S4. Suspend to disk.
7
SOFF, S5. Soft off.
SLP_EN. Sleep enable. Write 1 only; reads back as 0. Writing a 1 to this bit causes the system to sequence into the
sleep state specified by SLP_TYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com