Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 83 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 83 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 79Page - Advanced Micro Devices AMD-766AC Datasheet HTML 80Page - Advanced Micro Devices AMD-766AC Datasheet HTML 81Page - Advanced Micro Devices AMD-766AC Datasheet HTML 82Page - Advanced Micro Devices AMD-766AC Datasheet HTML 83Page - Advanced Micro Devices AMD-766AC Datasheet HTML 84Page - Advanced Micro Devices AMD-766AC Datasheet HTML 85Page - Advanced Micro Devices AMD-766AC Datasheet HTML 86Page - Advanced Micro Devices AMD-766AC Datasheet HTML 87Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
83
GPIO
name
Control
register
Signal Name Default
MODE Alternate Functions
Input
Path
Notes
GPIO[0]
PMC0
SMBUSC
08h (SMBUSC)
1xb
SMBUSC
Direct
2
GPIO[1]
PMC1
SMBUSD
08h (SMBUSD)
1xb
SMBUSD
Direct
2
GPIO[2]
PMC2
GPIO2
00h (GPIO input)
1
GPIO[3]
PMC3
SLPBTN#
0Ch (SLPBTN#)
1xb
SLPBTN#
GPIO
1, 2
GPIO[4]
PMC4
SUSPEND#
08h (SUSPEND#)
1xb
SUSPEND#
NA
GPIO[5]
PMC5
CPUSLEEP#
05h (GPIO output, high) 1xb
CPUSLEEP#
NA
GPIO[6]
PMC6
CPUSTOP#
05h (GPIO output, high) 1xb
CPUSTOP#
NA
GPIO[7]
PMC7
PCISTOP#
05h (GPIO output, high) 1xb
PCISTOP#
NA
GPIO[8]
PMC8
CACHE_ZZ
04h (GPIO output, low)
1xb
CACHE_ZZ
NA
GPIO[9]
PMC9
GPIO9
05h (GPIO output, high)
GPIO[10]
PMCA
FLAGWR
04h (GPIO output, low)
1xb
FLAGWR
NA
GPIO[11]
PMCB
FLAGRD#
05h (GPIO output, high) 1xb
FLAGRD#
NA
GPIO[12]
PMCC
EXTSMI#
0Ch (EXTSMI#)
1xb
EXTSMI#
GPIO
2
GPIO[13]
PMCD
PRDY
0Ch (No function)
10b
PRDY
Direct
11b
No function (input)
NA
GPIO[14]
PMCE
RI#
08h (RI#)
1xb
RI#
GPIO
2
GPIO[15]
PMCF
C32KHZ
04h (GPIO output, low)
1xb
C32KHZ
NA
GPIO[16]
PMD0
INTIRQ8#
05h (GPIO output, high) 10b
INTIRQ8#
NA
11b
SQWAVE
NA
GPIO[17]
PMD1
GPIO17
00h (GPIO input)
GPIO[18]
PMD2
GPIO18
00h (GPIO input)
1xb
PNPIRQ0
GPIO
GPIO[19]
PMD3
GPIO19
00h (GPIO input)
1xb
PNPIRQ1
GPIO
GPIO[20]
PMF4
GPIO20
00h (GPIO input)
1xb
PNPIRQ2
GPIO
GPIO[21]
PMF5
GPIO21
08h (BMREQ#)
1xb
BMREQ#
Direct
3
GPIO[22]
PMF6
GPIO22
05h (GPIO output, high) 1xb
PNPCS0#
NA
GPIO[23]
PMF7
GPIO23
05h (GPIO output, high) 1xb
PNPCS1#
NA
GPIO[24]
PMF8
GPIO24
05h (GPIO output, high)
GPIO[25]
PMF9
GPIO25
04h (GPIO output, low)
GPIO[26]
PMFA
GPIO26
04h (GPIO output, low)
GPIO[27]
PMFB
GPIO27
04h (GPIO output, low)
GPIO[28]
PMFC
GPIO28
00h (GPIO input)
GPIO[29]
PMFD
GPIO29
00h (GPIO input)
GPIO[30]
PMFE
GPIO30
00h (GPIO input)
GPIO[31]
PMFF
GPIO31
00h (GPIO input)
Note 1: The output of the input path for GPIO[17, 16, 3, 2] is also routed to the IOAPIC to drive the interrupt
request inputs to some of the redirection register entries (see section 4.3.4.2.2). These signals, to the
IOAPIC, are never disabled, even if the alternate function is selected.
Note 2: PMC0, PMC1, PMC3, PMCC, and PMCE all reside on the VDD_AUX power plane.
Note 3: If PMF5 does not select the BMREQ# function, then IRQ[11:9, 7:3] are selected to be the REQ[7:0]#
function.
PMD4: GPIO Pin Interrupt Status Register
IO mapped (base pointer: C3A58); offset: D7-D4h. Default: 0000_0000h. Read; set by hardware; write 1 to clear.
Each of these status bits is driven by the output of the input circuit associated with the GPIO pins. Bit[0] corresponds
to GPIO 0; bit[1] corresponds to GPIO1, and so forth. The latch associated with each GPIO input circuit is cleared
when the corresponding bit in this register is written with a 1; writing a 0 has no effect.
31:0
GPIO IRQ status bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com