Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 81 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 81 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 77Page - Advanced Micro Devices AMD-766AC Datasheet HTML 78Page - Advanced Micro Devices AMD-766AC Datasheet HTML 79Page - Advanced Micro Devices AMD-766AC Datasheet HTML 80Page - Advanced Micro Devices AMD-766AC Datasheet HTML 81Page - Advanced Micro Devices AMD-766AC Datasheet HTML 82Page - Advanced Micro Devices AMD-766AC Datasheet HTML 83Page - Advanced Micro Devices AMD-766AC Datasheet HTML 84Page - Advanced Micro Devices AMD-766AC Datasheet HTML 85Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
81
Bit[7] CMB_TRP_RLEN. Serial port B (COM B) access trap causes reload of system inactivity timer.
Bit[8] AUD_TRP_RLEN. Audio functions access trap causes reload of system inactivity timer.
Bit[9] VID_TRP_RLEN. Video functions access trap causes reload of system inactivity timer.
Bit[10] KBM_TRP_RLEN. Keyboard and mouse access trap causes reload of system inactivity timer.
Bit[11] PCMCIA1_TRP_RLEN. PCMCIA1 access trap causes reload of system inactivity timer.
Bit[12] PCMCIA2_TRP_RLEN. PCMCIA2 access trap causes reload of system inactivity timer.
Bit[13] USB_TRP_RLEN. USB access or activity trap causes reload of system inactivity timer.
Bit[14] PRM1_TRP_RLEN. Programmable range monitor 1 access trap causes reload of system inactivity timer.
Bit[15] PRM2_TRP_RLEN. Programmable range monitor 2 access trap causes reload of system inactivity timer.
Bit[16] PRM3_TRP_RLEN. Programmable range monitor 3 access trap causes reload of system inactivity timer.
Bit[17] PRM4_TRP_RLEN. Programmable range monitor 4 access trap causes reload of system inactivity timer.
Bit[18] PMM1_TRP_RLEN. Programmable memory range monitor 1 access trap causes reload of system inactivity
timer.
Bit[19] PMM2_TRP_RLEN. Programmable memory range monitor 2 access trap causes reload of system inactivity
timer.
Bit[20] EXTSMI_RLEN. 1=Assertion of PM20[EXSMI_STS] causes a reload of the system inactivity timer. Note:
As long as the status bit is set, the system inactivity timer is held in its reload value and does not decrement.
Bit[21] BMREQ_RLEN. 1=Assertion of a PCI bus master request causes a reload of the system inactivity timer.
PMB4: IRQ Reload Enable For System Inactivity Timer Register
IO mapped (base pointer: C3A58); offset: B7-B4h. Default: 0000_0000h. Read-write.
31:16
15:0
Reserved
IRQRL
IRQRL. IRQs reload the system inactivity timer. Each of these bits corresponds its bit number to an IRQ number to
the legacy PIC (e.g., bit[12] corresponds to IRQ12). The exception to this is bit[2], which corresponds to the INTR
pin, output of the legacy PIC. 1=Enable the corresponding interrupt signal to cause the system inactivity timer to
reload when it transitions. 0=Do not affect the system inactivity timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com