Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 44Page - Advanced Micro Devices AMD-766AC Datasheet HTML 45Page - Advanced Micro Devices AMD-766AC Datasheet HTML 46Page - Advanced Micro Devices AMD-766AC Datasheet HTML 47Page - Advanced Micro Devices AMD-766AC Datasheet HTML 48Page - Advanced Micro Devices AMD-766AC Datasheet HTML 49Page - Advanced Micro Devices AMD-766AC Datasheet HTML 50Page - Advanced Micro Devices AMD-766AC Datasheet HTML 51Page - Advanced Micro Devices AMD-766AC Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
48
5.3.5
IOAPIC Registers
The IOAPIC register set for the 24 IOAPIC interrupts supported by the IC is indexed through two fixed-location,
memory-mapped ports: FEC0_0000h, which provides the 8-bit index register, and FEC0_0010h, which provides the
32-bit data port. Writes to the 32-bit data port at FEC0_0010h require that all four bytes be enabled.
The index register selects one of the following:
Index
Description
Attribute
Default
00h
APIC ID register. The ID is in bits[27:24]. All other bits are reserved.
Read-write
0000 0000h
01h
IOAPIC version register.
Read only
0017 0011h
02h
IOAPIC arbitration ID register. The ID is in bits[27:24]. All other bits
are reserved.
Read only
0000 0000h
10h-3Fh Redirection registers. Each of the 24 redirection registers uses two of these
indexes. Bits[63:32] are accessed through the odd indexes and bits[31:0] are
accessed through the even indexes.
Read-write
0000 0000
0001 0000h
40h-FFh Reserved.
The redirection registers are defined as follows:
Bits
Description
63:56
Destination. In physical mode, bits[59:56] specify the APIC ID of the target processor. In logical mode
bits[63:56] specify a set of processors.
55:17
Reserved.
16
Interrupt mask. 1=Interrupt is masked.
15
Trigger mode. 0=Edge sensitive. 1=Level sensitive.
14
IRR: interrupt request receipt. Read only. This bit is not defined for edge-triggered interrupts. For level-
triggered interrupts, this bit is set by the hardware after an interrupt is detected. It is cleared by receipt of
EOI with the vector specified in bits[7:0].
13
Polarity. 0=Active high. 1=Active low.
12
Delivery status. 0=Idle. 1=Interrupt message pending.
11
Destination mode. 0=Physical mode. 1=Logical mode.
10:8
Delivery mode. 000b=fixed. 001b=Lowest priority. 010b=SMI. 011b=Reserved. 100b=NMI. 101=Init.
110b=Reserved. 111b=ExtINT.
7:0
Interrupt vector.
5.3.6
Real-Time Clock Registers
RTC70: Real-Time Clock Legacy Indexed Address.
IO mapped (fixed); offset: 0070h. Default: 80h. Write only.
Note: RTC70[6:0] and RTC72 occupy the same physical register; after writes to RTC70, RTC72 reads back as {0b,
RTC70[6:0]}; after writes to RTC72, reads of RTC72 provide all 8 bits written.
76:0
NMIDIS
RTCADDR
RTCADDR. Real time clock address. Specifies the address of the real-time clock CMOS RAM. The data port
associated with this index is RTC71. Only the lower 128 bytes of the CMOS RAM are accessible through RTC70
and RTC71.
NMIDIS. NMI disable. 1=PORT61[IOCHK and SERR] are disabled from being able to generate NMI interrupts to
the processor. Note: The state of this register is read accessible through C0A41[NMIDIS].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com