Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 66 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 66 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 62Page - Advanced Micro Devices AMD-766AC Datasheet HTML 63Page - Advanced Micro Devices AMD-766AC Datasheet HTML 64Page - Advanced Micro Devices AMD-766AC Datasheet HTML 65Page - Advanced Micro Devices AMD-766AC Datasheet HTML 66Page - Advanced Micro Devices AMD-766AC Datasheet HTML 67Page - Advanced Micro Devices AMD-766AC Datasheet HTML 68Page - Advanced Micro Devices AMD-766AC Datasheet HTML 69Page - Advanced Micro Devices AMD-766AC Datasheet HTML 70Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
66
C3AB0: Audio Port Trap Mask Register
Configuration space; function 3; offset: B3-B0h. Default: 0707_010Fh. Read-write.
31:24
23:16
15:8
7:0
MASKAUD4
MASKAUD3
MASKAUD2
MASKAUD1
MASKAUD[4:1]. Address masks for the audio trap event. See C3AA8 for details.
C3AB4: PCMCIA Trap 1 and 2 IO Address Register
Configuration space; function 3; offset: B7-B4h. Default: 0000_0000h. Read-write.
C3AB4, C3AB8, C3ABC, and C3AC0 combine to specify the address for the PCMCIA1 and PCMCIA2 trap events.
These events may be used to generate an SMIs or SCIs or reload the system inactivity timer. The PCMCIA1 and
PCMCIA2 trap events occur when the following is true:
PCMCIA1:
( (AD[15:0] | MASKPIO1 == ADDRPIO1 | MASKPIO1) & (PCI IO space access) )
|
( (AD[31:10]| MASKPME1 == ADDRPME1 | MASKPME1) & (PCI memory space access) );
PCMCIA2:
( (AD[15:0] | MASKPIO2 == ADDRPIO2 | MASKPIO2) & (PCI IO space access) )
|
( (AD[31:10]| MASKPME2 == ADDRPME2 | MASKPME2) & (PCI memory space access) );
Where AD is the address phase of a PCI bus cycle. It is not necessary for the cycle to be targeted at the IC. The IO
space mask bits cover bits[7:0]. The memory space mask bits cover bits[17:10].
31:16
15:0
ADDRPIO2
ADDRPIO1
ADDRPIO1 and ADDRPIO2. IO address for the PCMCIA1 and PCMCIA2 trap events.
C3AB8: PCMCIA Trap 1 Memory Address Registers
Configuration space; function 3; offset: BB-B8h. Default: 0000_0000h. Read-write.
31:10
9:0
ADDRPME1
Reserved
ADDRPME1. Memory address for the PCMCIA1 trap event. See C3AB4 for details.
C3ABC: PCMCIA Trap 2 Memory Address Registers
Configuration space; function 3; offset: BF-BCh. Default: 0000_0000h. Read-write.
31:10
9:0
ADDRPME2
Reserved
ADDRPME2. Memory address for the PCMCIA2 trap event. See C3AB4 for details.
C3AC0: PCMCIA Trap Mask Registers
Configuration space; function 3; offset: C3-C0h. Default: 0000_0000h. Read-write.
31:24
23:16
15:8
7:0
MASKPME2
MASKPME1
MASKPIO2
MASKPIO1
MASKPME[1,2] and MASKPIO[1,2]. Address mask for the PCMCIA trap events. See C3AB4 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com