Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 37Page - Advanced Micro Devices AMD-766AC Datasheet HTML 38Page - Advanced Micro Devices AMD-766AC Datasheet HTML 39Page - Advanced Micro Devices AMD-766AC Datasheet HTML 40Page - Advanced Micro Devices AMD-766AC Datasheet HTML 41Page - Advanced Micro Devices AMD-766AC Datasheet HTML 42Page - Advanced Micro Devices AMD-766AC Datasheet HTML 43Page - Advanced Micro Devices AMD-766AC Datasheet HTML 44Page - Advanced Micro Devices AMD-766AC Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
41
Accesses to BIOS space in the low megabyte (between 000C_0000h and 000F_FFFFh) are mapped to the top
megabyte (between FFFC_0000h and FFFF_FFFFh) on the LPC bus; the OAR locks for these—whether the LPC bus
or ISA bus is targeted—apply to these accesses based on the remapped address at the top megabyte. Note: There is
an additional OAR lock specified in C0A8C. Note: OAR locks only apply to BIOS address space; if there is an
access to an OAR lock address range that is not in BIOS address space as specified by C0A43, then the OAR lock
register is ignored.
PCI special cycles determine when the system is in SMM mode, for the SMM-mode locks. The special cycles data
phase determines the system state as follows:
0005_0002h: system is entering SMM mode;
0006_0002h: system is exiting SMM mode.
C0A88:
31:28
27:24
23:20
19:16
15:12
11:8
7:4
3:0
OARE
OARC
OARA
OAR8
OAR6
OAR4
OAR2
OAR0
C0A84:
31:28
27:24
23:20
19:16
15:12
11:8
7:4
3:0
OARF
OARE
OARD
OARC
OARB
OARA
OAR9
OAR8
C0A80:
31:28
27:24
23:20
19:16
15:12
11:8
7:4
3:0
OAR7
OAR6
OAR5
OAR4
OAR3
OAR2
OAR1
OAR0
OARx[0], RDLOCK. BIOS sector x read lock. Read; write if enabled by SLLOCK and FLLOCK. 0=Read access
to BIOS sector x enabled. 1=Read access to BIOS sector x disabled.
OARx[1], WRLOCK. BIOS sector x write lock. Read; write if enabled by SLLOCK and FLLOCK. 0=Write
access to BIOS sector x enabled (if C0A40[RWR]=1). 1=Write access to BIOS sector x disabled.
OARx[2], SLLOCK. SMM access to RD/WRLOCK lock. Read; write 1 only. This bit may only be set high by
software; it is cleared by PCIRST#. 0=Read-write access to RDLOCK and WRLOCK enabled (if FLLOCK=0).
1=Write access to RDLOCK and WRLOCK only enabled in SMM mode (if FLLOCK=0).
OARx[3], FLLOCK. Full access to RD/WRLOCK lock. Read; write 1 only. This bit may only be set high by
software; it is cleared by PCIRST#. 0=Read-write access to RDLOCK and WRLOCK enabled. 1=Write access to
RDLOCK and WRLOCK disabled (whether the system is in SMM mode or not).
C0A8C: OAR Control Register
Configuration space; function 0; offset: 8Ch. Default: 0000_0000h.
76
543:0
Reserved
Reserved
Reserved
LKLOCK
OAR_ROB
OAR_ROB. OAR locks for rest of BIOS space. Read-write. These four bits are defined identically to the OAR
registers in C0A80/84/88. They apply to the BIOS ROM space across [FFEF_FFFFh:FFC0_0000h] (if the space is
specified by C0A43 to be BIOS).
LKLOCK. SMM access to the ROM access registers lock. Read; write 1 only. This bit may only be set high by
software; it is cleared by PCIRST#. 0=Write access to C0A80/C084/C0A88/C0A8C and C0A43 always enabled.
1=Write access to C0A80/C084/C0A88/C0A8C and C0A43 only enabled in SMM mode (see C0A80 for
determination of when the system is in SMM mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com