Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 78 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 78 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 74Page - Advanced Micro Devices AMD-766AC Datasheet HTML 75Page - Advanced Micro Devices AMD-766AC Datasheet HTML 76Page - Advanced Micro Devices AMD-766AC Datasheet HTML 77Page - Advanced Micro Devices AMD-766AC Datasheet HTML 78Page - Advanced Micro Devices AMD-766AC Datasheet HTML 79Page - Advanced Micro Devices AMD-766AC Datasheet HTML 80Page - Advanced Micro Devices AMD-766AC Datasheet HTML 81Page - Advanced Micro Devices AMD-766AC Datasheet HTML 82Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
78
PM48: TCO Control 1 Register
IO mapped (base pointer: C3A58); offset: 49-48h. Default: 0000h. Read-write.
15
14
13
12
11
10
9
8
Reserved
Reserved
Reserved
Reserved
TCOHALT
MBL
NMI2SMI_EN
NMI_NOW
765
43210
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
NMI_NOW. Generate NMI. 1=Assert NMI. It is expected that the NMI interrupt handler clears this bit.
NMI2SMI_EN. NMI interrupts generate SMI interrupts. 1=Whenever an NMI is detected, PM44[NMI2SMI_STS]
is set and the NMI pin is not asserted; this bit does not affect NMI_NOW (setting NMI_NOW generates an NMI
interrupt regardless of the state of NMI2SMI_EN). Note: If this bit is set and RTC70[NMIDIS] is set, then neither
NMI nor SMI# is asserted when NMI events occur.
MBL. Must be low. Read-write. This bit is required to be low at all times; otherwise undefined behavior will result.
TCOHALT. TCO timer halt. 1=Freeze TCO timer in its current state; PM44[TOUT_STS] and
PM46[2NDTO_STS] may not be set.
PM4A: TCO Control 2 Register
IO mapped (base pointer: C3A58); offset: 4Ah. Default: 00h. Read-write.
765
432:1
0
Reserved
Reserved
Reserved
Reserved
Reserved
INTRDR_SEL
Reserved
INTRDR_SEL. Select action taken if PM46[INTRDR_STS] is set. 00b=Reserved; 01b=IRQ (as specified by
C3A44[TCO_INT_SEL]); 10b=SMI; 11b=Reserved.
PM98: System Inactivity Timer Register
IO mapped (base pointer: C3A58); offset: 9B-98h. Default: 0000_0000h.
31:18
17:16
15:8
7:0
Reserved
CLKSRC
CURCOUNT
RELOAD
RELOAD. System inactivity timer reload value. Read-write. Writes to this field cause the system inactivity timer
to be reloaded with the value written. System inactivity timer reload events enabled by PMB0 and PMB4 reload this
value into the timer.
CURCOUNT. Read only. System inactivity timer current count value.
CLKSRC. System inactivity timer clock source. Read-write. Specifies the clock to the system inactivity timer per
the following table.
CLKSRC
Clock period
Maximum time (clock period times 255)
00b
64 milliseconds
16.32 seconds
01b
1 second
255 seconds = 4.25 minutes
10b
16 seconds
68 minutes = 1.13 hours
11b
256 seconds
1088 minutes = 18.13 hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com