Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 84 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 84 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 80Page - Advanced Micro Devices AMD-766AC Datasheet HTML 81Page - Advanced Micro Devices AMD-766AC Datasheet HTML 82Page - Advanced Micro Devices AMD-766AC Datasheet HTML 83Page - Advanced Micro Devices AMD-766AC Datasheet HTML 84Page - Advanced Micro Devices AMD-766AC Datasheet HTML 85Page - Advanced Micro Devices AMD-766AC Datasheet HTML 86Page - Advanced Micro Devices AMD-766AC Datasheet HTML 87Page - Advanced Micro Devices AMD-766AC Datasheet HTML 88Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
84
PMD8: GPIO Pin Interrupt Enable Register
IO mapped (base pointer: C3A58); offset: DB-D8h. Default: 0000_0000h. Read-write.
For each of these bits: 1=Enable either an SCI or SMI interrupt based on the state of PM04[SCI_EN] if the
corresponding status bit in PMD4 is set. Note: If C3A42[GPIOSCI] is low, these SCI/SMI interrupts are disabled.
However, if PM2A[GPIOSMI_EN] is high, an SMI is generated regardless of the state of C3A42[GPIOSCI].
31:0
GPIO IRQ enable bits
PMDC: GPIO Output Clock 0 and 1 Register
IO mapped (base pointer: C3A58); offset: DF-DCh. Default: FFFF_FFFFh. Read-write.
This register specifies the high time and the low time for the GPIO output clocks. These clocks may be selected as
the output for any of the GPIO pins. These output clocks consist of a 7-bit down counter that is alternately loaded
with the high time and the low time. The clock for the counters is selected by CLK[1,0]BASE.
31:30
29:23
22:16
15:14
13:7
6:0
CLK1BASE CLK1HI
CLK1LO
CLK0BASE CLK0HI
CLK0LO
CLK[1:0]LO. GPIO output clock 0 and 1 low time. Specifies the low time for the GPIO output clocks in
increments of the clock period specified by CLK[1,0]BASE (e.g., if the base is 16 milliseconds, then 0 specifies 16
milliseconds, 1 specifies 32 milliseconds, etc.). CLK0LO specifies the low time for GPIO output clock 0 and
CLK1LO specifies the low time for GPIO output clock 1.
CLK[1:0]HI. GPIO output clock 0 and 1 high time. Specifies the high time for the GPIO output clocks in
increments of the clock period specified by CLK[1,0]BASE (e.g., if the base is 16 milliseconds, then 0 specifies 16
milliseconds, 1 specifies 32 milliseconds, etc.). CLK0HI specifies the high time for GPIO output clock 0 and
CLK1HI specifies the high time for GPIO output clock 1.
CLK[1:0]BASE. GPIO output clock timer base. Specifies the clock for the counter that generates the GPIO output
clock. 00b specifies a clock period of 250 microseconds; 01b specifies a clock period of 2 milliseconds; 10b specifies
a clock period of 16 milliseconds; and 11b specifies a clock period of 128 milliseconds. CLK0BASE specifies the
clock for GPIO output clock 0 and CLK1BASE specifies the clock for GPIO output clock 1.
PME0: SMBus Global Status Register
IO mapped (base pointer: C3A58); offset: E1-E0h. Default: 0000h.
Some of these bits have the ability to generate an SCI/SMI interrupt, if they are enabled to do so in PME2.
15
14
13
12
11
10
9
8
Reserved
Reserved
Reserved
Reserved
SMB_BSY
SMBA_STS HSLV_STS
SNP_STS
765
43210
Reserved
Reserved
TO_STS
HCYC_STS HST_BSY
PRERR_STS COL_STS
ABRT_STS
ABRT_STS. Host transfer abort status. Read; set by hardware; write 1 to clear. 1=A host transfer was aborted by
the PME2[ABORT] command.
COL_STS. Host collision status. Read; set by hardware; write 1 to clear. 1=A host transfer was attempted while
the SMBus was busy.
PRERR_STS. Protocol error status. Read; set by hardware; write 1 to clear. 1=A slave device did not generate an
acknowledge at the appropriate time during a host SMBus cycle.
HST_BSY. Host controller busy. Read only. 1=The SMBus host controller is currently busy with a cycle.
HCYC_STS. Host cycle complete status. Read; set by hardware; write 1 to clear. 1=A host cycle completed
successfully.
TO_STS. Time out error status. Read; set by hardware; write 1 to clear. 1=A slave device forced a time out by
holding the SMBUSC pin low for more than 30 milliseconds.
SNP_STS. Snoop address match status. Read; set by hardware; write 1 to clear. 1=An SMBus master (including
the host controller) generated an SMBus cycle with a 7-bit address that matched the one specified by PMEF. This bit
is not set until the end of the acknowledge bit after the last byte is transferred over the SMBus cycle; if a time out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com