Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 41Page - Advanced Micro Devices AMD-766AC Datasheet HTML 42Page - Advanced Micro Devices AMD-766AC Datasheet HTML 43Page - Advanced Micro Devices AMD-766AC Datasheet HTML 44Page - Advanced Micro Devices AMD-766AC Datasheet HTML 45Page - Advanced Micro Devices AMD-766AC Datasheet HTML 46Page - Advanced Micro Devices AMD-766AC Datasheet HTML 47Page - Advanced Micro Devices AMD-766AC Datasheet HTML 48Page - Advanced Micro Devices AMD-766AC Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
45
5.3.3
Legacy Programmable Interval Timer (PIT) Registers
These timers are halted from counting, if enabled to do so in C3A4C[PIT_DIS], when PRDY is asserted.
The following are ports used to access the legacy PIT:
Offset
Access Port
40h
Write
Counter 0 write access port
Read
Counter 0 read access port
41h
Write
Counter 1 access port
Read
Counter 1 read access port
42h
Write
Counter 2 access port
Read
Counter 2 read access port
43h
Write
Control byte
Read
Not supported
PORT43: PIT Control Byte Register
Fixed IO space; offset: 43h. Default: 00h. Write only.
Bits
Description
7:6
SC[1:0]: select counter. Specifies the counter that the command applies to as follows:
00b
Counter 0.
01b
Counter 1.
10b
Counter 2.
11b
Read back command.
5:4
RW[1:0]: read-write command. Specifies the read-write command as follows:
00b
Counter latch command.
01b
Read/write least significant byte only.
10b
Read/write most significant byte only.
11b
Read/write least significant byte followed by most significant byte.
3:1
M[2:0]: counter mode. Specifies the mode in which the counter selected by SC[1:0] operates as follows:
000b Interrupt on terminal count.
001b Hardware retriggerable one-shot (not supported).
010b Rate generator.
011b Square wave mode.
100b Software triggered strobe.
101b Hardware triggered (retriggerable) strobe (not supported).
110b When this value is written, 010b is stored in the register, rate generator mode.
111b When this value is written, 011b is stored in the register, square wave mode.
0
BCD: binary coded decimal. 1=Counter specified by SC[1:0] operates in binary coded decimal. 0=Counter
specified by SC[1:0] operates in 16-bit binary mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com