Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 42Page - Advanced Micro Devices AMD-766AC Datasheet HTML 43Page - Advanced Micro Devices AMD-766AC Datasheet HTML 44Page - Advanced Micro Devices AMD-766AC Datasheet HTML 45Page - Advanced Micro Devices AMD-766AC Datasheet HTML 46Page - Advanced Micro Devices AMD-766AC Datasheet HTML 47Page - Advanced Micro Devices AMD-766AC Datasheet HTML 48Page - Advanced Micro Devices AMD-766AC Datasheet HTML 49Page - Advanced Micro Devices AMD-766AC Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
46
5.3.4
Legacy Programmable Interrupt Controller (PIC) Registers
The legacy programmable interrupt controller (PIC) includes a master, which is accessed through ports 20h and 21h
and controls IRQ[7:0], and a slave, which is accessed through ports A0h and A1h and controls IRQ[15:8].
The following are all the PIC registers.
Offset
Access type
Register
20h (master),
Write only; D[4]=1b
Initialization command word 1 (ICW1)
A0h (slave)
Write only; D[4:3]=00b
Operation command word 2 (OCW2)
Read-write; D[4:3]=01b
Operation command word 3 (OCW3)
21h (master),
Write only
Initialization command word 2 (ICW2)
A1h (slave)
Write only
Initialization command word 3 (ICW3)
Write only
Initialization command word 4 (ICW4)
Read-write
Operation command word 1 (OCW1)
D[4:3] above refers to bits[4:3] of the associated 8-bit data field. Normally, once ICW1 is sent, ICW2, ICW3, and
ICW4 are sent in that order before any OCW registers are accessed.
ICW1: Initialization Command Word 1 Register
Fixed IO space; offset: 20h for master and A0h for slave; data bit[4] must be high. Write only.
Bits
Description
7:5
A[7:5]: interrupt vector address. These bits are not implemented.
4
This should always be high.
3
LTIM: level triggered mode. This bit is not implemented; PORT4D0 controls this function instead.
2
ADI: call address interval. This bit is not implemented.
1
SNGL: single mode. This bit must be programmed low to indicate cascade mode.
0
IC4: ICW4 needed. This bit must be programmed high.
ICW2: Initialization Command Word 2 Register
Fixed IO space; offset: 21h for master and A1h for slave. Write only.
ICW3M: Initialization Command Word 3 for Master Register
Fixed IO space; offset: 21h. Write only.
Bits
Description
7:0
SLAVES[7:0]. These bits must always be programmed to 04h.
ICW3S: Initialization Command Word 3 for Slave Register
Fixed IO space; offset: A1h. Write only.
Bits
Description
7:3
Reserved (must be programmed to all zeros).
2:0
ID[2:0]. These bits must always be programmed to 02h.
ICW4: Initialization Command Word 4 Register
Fixed IO space; offset: 21h for master and A1h for slave. Write only.
Bits
Description
7:5
Reserved (must be programmed all zeros)
4
SFNM. Special fully nested mode. This bit is normally programmed low.
3:2
BUFF and MS. These two are normally programmed to 00b for non-buffered mode.
1
AEOI. Auto EOI. This bit is ignored; the IC only operates in normal EOI mode (this bit low).
0
UPM. x86 mode. This bit is ignored; the IC only operates in x86 mode (this bit high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com