Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 89 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 89 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 85Page - Advanced Micro Devices AMD-766AC Datasheet HTML 86Page - Advanced Micro Devices AMD-766AC Datasheet HTML 87Page - Advanced Micro Devices AMD-766AC Datasheet HTML 88Page - Advanced Micro Devices AMD-766AC Datasheet HTML 89Page - Advanced Micro Devices AMD-766AC Datasheet HTML 90Page - Advanced Micro Devices AMD-766AC Datasheet HTML 91Page - Advanced Micro Devices AMD-766AC Datasheet HTML 92Page - Advanced Micro Devices AMD-766AC Datasheet HTML 93Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
89
6.4
Power Dissipation
The following table provides current consumption of the IC while it is operational.
Supply
Max
VDD3
200 mA
VDD_REF
1.0 mA
VDD_USB
50 mA
Note: This table contains preliminary information, which is subject to change.
6.5
Switching Characteristics
Switching characteristics for PCI signals are available in the PCI specification. Switching characteristics for the IDE
signals are available from the ATA specification. Switching characteristics for the USB signals are available from
the USB specification.
7
Pin Designations
Top side view
1
23456789
10
11
12
13
14
15
16
17
18
19
20
A
SA1
SA2
SD7
IOCHK# GPIO 22
AD3
AD2
CBE
_L0
AD12
AD14
SERR # TRDY #
CBE
_L2
AD21
AD22
AD25
AD29
AD31
PGNT #
PCLK
A
B GPIO17
SA0
SD5
SD6
GPIO26
AD1
AD6
AD8
AD10
AD13
AD15
STOP #
IDSEL
AD18
AD20
AD23
AD27
AD30
PREQ #
USB
OC0#
B
C
LA23
GPIO19
SD4
IRQ9
STRAP
L0
AD0
AD4
AD9
CBE
_L1
DEV
SEL#
FRAME
#
AD17
AD19
AD24
AD28
PIRQA# PIRQD# PIRQB#
USB
CLK
VDD_
USB
C
D
LA22
GPIO18
SD3
VDD3
TEST#
AD5
AD7
AD11
PAR
IRDY#
VDD3
AD16
CBE
_L3
AD26
STRAP
L3
PIRQC#
VDD3
USBP3
USBN3
USBP2
D
E
LA21
IRQ10
SD2
EKIRQ
12
USBN2
USBP1
USBN1
USBP0
E
F
LA20
IRQ11
SD0
SD1
USBN0
VSS_
USB
VDD_
RTC
RTCX_
IN
F
G
LA19
IRQ12
GPIO25
IOCH
RDY
RTCX_
OUT
INTRUD
ER#
SMBUS
C
SMBUS
D
G
H
LA18
IRQ15
SA16
GPIO21
SLP
BTN#
PWR
BTN#
EXT
SMI#
PME#
H
J
LA17
IRQ14
IOW#
GPIO20
VSS
VSS
VSS
VSS
PWR
ON#
PWR
GD
VDD_
AUX
STRAP
H1
J
K MEMR# KA20G
CPU
SLEEP#
IOR#
VSS
VSS
VSS
VSS
STRAP
H0
RPWR
ON
PCI
RST#
RI#
K
L MEMW# KBRC# GPIO9
VDD3
VSS
VSS
VSS
VSS
VDD3
STRAP
L1
DC
STOP#
STRAP
H2
L
M
LAD0
STRAP
L2
SA14
SA15
VSS
VSS
VSS
VSS
SMI#
A20M #
SUS
PEND#
FLAG
RD#
M
N
LAD1
GPIO2
PRDY
VDD_
REF
STP
CLK#
WSC#
CPU
RST#
ROM_
KBCS#
N
P
LAD2
GPIO29 EKIRQ1
SA13
SER
IRQ
PCI
STOP#
CPU
STOP#
CACHE
_ZZ
P
R
LAD3
GPIO28 GPIO23
SA12
INTR
NMI
PICD1# PICD0#
R
T LFRAME
#
GPIO31
SA10
SA11
PIC
CLK#
IGNNE# FERR #
INIT#
T
U LDRQ0# GPIO30
SA9
VDD3
IRQ7
SA7
SA6
SA5
SA4
SA3
VDD3
DDATA
S7
DDATA
S5
DDATA
S12
DDATA
S13
DDATA
S14
VDD3
DADDR
P0
THERM
#
OSC
U
V LDRQ1# BCLK
SA8
IRQ6
IRQ5
IRQ4
IRQ3
FLAG
WR
GPIO27
INT
IRQ8#
SPKR
DDATA
S6
DDATA
S4
DDATA
S3
DDATA
S2
DDATA
S1
DDATA
S15
DADDR
P2
DCS1S#
C32
KHZ
V
W GPIO24 DDATA
P8
DDATA
S8
DDATA
P6
DDATA
P10
DDATA
S10
DDATA
P4
DDATA
P12
DDATA
P13
DDATA
P14
DDATA
P15
DDRQS
DIOW
S#
DIOR
S#
DRDYS DDACK
S#
DADDR
S1
DADDR
S0
DCS1P# DCS3S# W
Y
ISA
BIOS
DDATA
P7
DDATA
P9
DDATA
S9
DDATA
P5
DDATA
P11
DDATA
S11
DDATA
P3
DDATA
P2
DDATA
P1
DDATA
P0
DDRQP
DIOW
P#
DIOR
P#
DRDYP DDACK
P#
DADDR
P1
DDATA
S0
DADDR
S2
DCS3P# Y
1
23456789
10
11
12
13
14
15
16
17
18
19
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com