Electronic Components Datasheet Search
  English  ▼

X  

AMD-766AC Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 43Page - Advanced Micro Devices AMD-766AC Datasheet HTML 44Page - Advanced Micro Devices AMD-766AC Datasheet HTML 45Page - Advanced Micro Devices AMD-766AC Datasheet HTML 46Page - Advanced Micro Devices AMD-766AC Datasheet HTML 47Page - Advanced Micro Devices AMD-766AC Datasheet HTML 48Page - Advanced Micro Devices AMD-766AC Datasheet HTML 49Page - Advanced Micro Devices AMD-766AC Datasheet HTML 50Page - Advanced Micro Devices AMD-766AC Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
47
OCW1: Operation Command Word 1 Register
Fixed IO space; offset: 21h for master and A1h for slave. Write only.
Bits
Description
7:0
MASK[7:0]. Interrupt mask. 1=Interrupt is masked. Masking IRQ2 on the master interrupt controller
masks all slave-controller interrupts.
OCW2: Operation Command Word 2 Register
Fixed IO space; offset: 20h for master and A0h for slave; data bits[4:3] must be 00b. Write only.
Bits
Description
7:5
R (bit 7), SL (bit 6), and EOI (bit 5). These are decoded as:
R, SL, EOI Function
R, SL, EOI Function
000b
* Rotate in auto EOI mode clear.
100b
* Rotate in auto EOI mode set
001b
Non-specific EOI mode.
101b
Rotate on non-specific EOI command
010b
No operation.
110b
** Set priority command
011b
Specific EOI command.
111b
** Rotate on specific EOI command
*
Not supported.
**
Uses IRLEVEL field.
4:3
Reserved (must be programmed all zeros).
2:0
IRLEVEL. Interrupt request level. Specifies the interrupt request level to be acted upon.
OCW3: Operation Command Word 3 Register
Fixed IO space; offset: 20h for master and A0h for slave; data bits[4:3] must be 01b. Write only.
Bits
Description
7
Must be programmed low.
6:5
ESMM (bit 6) and SMM (bit 5). Special mask mode. These are decoded as:
[ESMM, SMM] = 0Xb
No action.
[ESMM, SMM] = 10b
Reset special mask mode.
[ESMM, SMM] = 11b
Set special mask mode.
4:3
01b
2
P: poll command. 1=Poll enabled; next IO read of the interrupt controller treated like an interrupt
acknowledge cycle.
1:0
RR (bit 1) and RIS (bit 0). Read register command. These are decoded as:
[RR,RIS] = 0Xb
No action.
[RR,RIS] = 10b
Read in-request (IR) register.
[RR,RIS] = 11b
Read IS register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com