Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD9971 Datasheet HTML 1Page - Renesas Technology Corp UPD9971 Datasheet HTML 2Page - Renesas Technology Corp UPD9971 Datasheet HTML 3Page - Renesas Technology Corp UPD9971 Datasheet HTML 4Page - Renesas Technology Corp UPD9971 Datasheet HTML 5Page - Renesas Technology Corp UPD9971 Datasheet HTML 6Page - Renesas Technology Corp UPD9971 Datasheet HTML 7Page - Renesas Technology Corp UPD9971 Datasheet HTML 8Page - Renesas Technology Corp UPD9971 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 112 page
background image
MOS INTEGRATED CIRCUIT
µPD9971
SOUND GENERATOR LSI FOR RINGER MELODIES FOR MOBILE PHONES THAT
ARE EQUIPPED WITH 3D POSITIONING SURROUND FUNCTIONS
Document No. S17455EJ2V0DS00 (2nd edition)
Date Published September 2005 NS CP(K)
Printed in Japan
DATA SHEET
2005
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
DESCRIPTION
The
µPD9971 is a sound generator LSI for ringer melodies for mobile phones that are equipped with 3D positioning
surround functions.
FEATURES
• PCM sound generation method provides realistic sound reproduction
-
Contains 32 kHz sampling Wavetable, it include 128 GM tone and 47 drum set and 32 effect tone.
-
A richer tone is achieved by using 2 Wave a tone.
-
The wave and the parameter can be downloaded, and the sound-making not limited to a fixed tone is
possible.
-
Can play up to four melodies because of four MIDI
TM ports that are embedded in the sound generator core.
-
The port for a real-time control of MIDI that assumes karaoke and the JAVAapplication program is installed.
-
Contains a digital parametric equalizer for equalizing speakers.
-
The function for a low output of the level to always enable the reproduction in the vicinity of the maximum
volume is built into.
-
Various sound effects (pitch pipe bend, vibrato, Delay, reverberation, chorus, Doppra, and compressor) can
be achieved.
-
Supports MOBILE-XMF.
• Contains real-time-processing 3D positioning surround functions
-
The effect of the sound that the sound source moves three-dimensionally by the digital signal processing
can be achieved.
-
The stereophonic effect with the extension can be obtained by the digital signal processing.
-
The programmable solid sound parameter is installed, and the best setting is possible in the case and the
speaker arrangement etc. of the cellular phone.
-
When the headphone is used, the stereophonic effect can be obtained.
• Includes a high-performance D/A converter with 16-bit resolution
-
Supports five sampling frequency (fs) modes: 8 kHz, 16 kHz, 32 kHz, 44.1 kHz, and 48 kHz
• Provides an audio serial I/O interface (16 bits).
-
The serial data input frequency is variable from 32 fs to 64 fs (during slave mode).
-
Supported formats are right-justified, left-justified, and IIS
• Provides an external serial input/output interface for the sound generator
• Provides stereo line output for audio
• Supports 8-bit parallel interface or 3 or 4-wire serial interface (SPI).
• Output control functions for vibration and LED.
• Built-in PLL, so various types of input clocks can be supported.
• Contains a regulator for digital power supply (DVDD).
The mark
shows major revised points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com