Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 34Page - Renesas Technology Corp UPD9971 Datasheet HTML 35Page - Renesas Technology Corp UPD9971 Datasheet HTML 36Page - Renesas Technology Corp UPD9971 Datasheet HTML 37Page - Renesas Technology Corp UPD9971 Datasheet HTML 38Page - Renesas Technology Corp UPD9971 Datasheet HTML 39Page - Renesas Technology Corp UPD9971 Datasheet HTML 40Page - Renesas Technology Corp UPD9971 Datasheet HTML 41Page - Renesas Technology Corp UPD9971 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
36
5.2 Regulator Block
Figure 5-3 Regulator
Regulator
REGCNT
REGUSE_B
REGOUT
This block has the following functions:
• Generates fixed voltage with the regulator and supplies current to the power supply DVDD pin for digital circuits.
• Requires a short between the regulator output REGOUT pin and the DVDD pin, which must be done at the
outside of the
µPD9971, when the regulator is used.
• Sets the regulator output to the low level when the regulator is not used.
• Receives power supply from REGVDD.
• Requires a supply of 3.0 V power to REGVDD to check that the regulator is not used, even when the regulator is
not used.
This block can be used when the REGUSE_B pin is set to the low level (DGND). When this block is not used, set
the REGUSE_B pin to the high level (EVDD).
While the REGUSE_B pin is set to the low level, this block starts supplying current if the REGCNT pin is set to the
high level, and stops it if the REGCNT pin is set to the low level.
Table 5-1 Setting Of Pins When Regulator Is Used/Is Not Used
Pin Status
Pin
When regulator is not used
When regulator is used
REGVDD
3.0 V external power supply
3.0 V external power supply
REGOUT
Left open (Output: Low)
Shorted with DVDD
DVDD
Connected to 1.54 V external
power supply
Shorted with REGOUT
High: Regular standby is canceled.
REGCNT
Shorted with DGND
Low: Regular standby
REGUSE_B
Shorted with EVDD
Shorted with DGND
Cautions 1. Be sure to connect a 2.2
µF (± 20 %) capacitor between the REGOUT pin and AGND. Since
capacitors with the above capacitance affect the noise characteristics of the regulator, place
the capacitor as close as possible to the REGOUT pin. Do not connect any other capacitors
to the REGOUT pin.
2. Be sure to connect a 0.1
µF (± 20 %) capacitor between the REGVDD pin and AGND.
3. Note that output may be unstable if a digital block is started before this block is set to the
normal mode.
4. To charge the capacitor connected to the REGOUT pin, about 350 mA of through current
flows into the capacitor for about 50
µs. when the regulator is started. Contact NEC
Electronics if charging causes problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com