Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 84Page - Renesas Technology Corp UPD9971 Datasheet HTML 85Page - Renesas Technology Corp UPD9971 Datasheet HTML 86Page - Renesas Technology Corp UPD9971 Datasheet HTML 87Page - Renesas Technology Corp UPD9971 Datasheet HTML 88Page - Renesas Technology Corp UPD9971 Datasheet HTML 89Page - Renesas Technology Corp UPD9971 Datasheet HTML 90Page - Renesas Technology Corp UPD9971 Datasheet HTML 91Page - Renesas Technology Corp UPD9971 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
86
8.3.6 ASI-surround-DAC-line output (Clock: MCLK2 = 12 MHz, fs = 32 kHz)
(1) Power on
Step
Item
Target registers, pins, etc.
1
Setting of regulator
REGUSE_B pin: Fixed to low (when regulator is used)
REGCNT pin: From low to high (when regulator is used)
2
Canceling hardware reset
RESET_B pin: From low to high
3
Setting of PLL (setting of CSTRT and MCLKSEL)
CSTRT pin, MCLKSEL, and CSTRTEN
(1 ms after setting of REGCNT when regulator is used)
4
Setting of PLL (input frequency)
MCLK1A = 4BH, MCLK1B = 9AH,
MCLK2A = 05H, MCLK2B = 2FH
5
Setting of sampling frequency
FS: 32 kHz, BFS: 64 fs
6
Setting of ASIO mode
MS, ASIM, LRCLK, SLR
7
Setting of soft mute
MELSMUTE = 1
8
Switching to sound generator bank (when PS pin
= 1)
BANK
9
Setting of 3D surround function
10
Switching to Control register bank (when PS pin =
1)
BANK
11
Setting of path (equalizer)
EX3DAEN = 0, PCMLSW = PCMRSW = 1
12
Setting of path (digital mixing)
MELLSW: Through, MELRSW: Through
13
Canceling VREF standby
STREF = 1
14
Canceling PLL standby
STPLL1 = STPLL2 = 1 (5 ms after STREF standby is canceled)
15
Canceling function block standby
STSYNTH = STADIG = STADAC = STASI = STASO = 1
16
The internal clock is valid.
5 ms after STPLL1 and STPLL2 standby is canceled
(2) Transmitting music data
(3) Canceling mute
Step
Item
Target registers, pins, etc.
1
Canceling analog volume mute
ADACLVRGA, ADACRVRGA
2
Canceling digital volume mute
MELLDG, MELRDG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com