Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 33Page - Renesas Technology Corp UPD9971 Datasheet HTML 34Page - Renesas Technology Corp UPD9971 Datasheet HTML 35Page - Renesas Technology Corp UPD9971 Datasheet HTML 36Page - Renesas Technology Corp UPD9971 Datasheet HTML 37Page - Renesas Technology Corp UPD9971 Datasheet HTML 38Page - Renesas Technology Corp UPD9971 Datasheet HTML 39Page - Renesas Technology Corp UPD9971 Datasheet HTML 40Page - Renesas Technology Corp UPD9971 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
35
5.1 Reference Voltage and Current Source Block
Figure 5-2 Voltage and Current Source
Band gap
referece
IREF
VREF
STREF
REGCNT
Regulator
REGCNT or STREF
This block has the following functions:
• Generates reference voltage by using a band gap and supplies the voltage to analog circuits, PLL, and the
regulator.
• Generates reference current by using the reference voltage as well as an external resistor and supplies the
current to PLL, the regulator, and all analog circuits.
• Receives power supply from AVDD.
The standby control of this block is controlled by the STNBY register.
To assert the internal regulator, reference voltage supplied from a part of this block is required. The REGCNT pin
controls the supply of the reference voltage. Thus, when using the regulator, be sure to supply 3.0 V power to both
REGVDD and AVDD.
The normal mode is set within 5 ms after this block is started (standby is released).
Cautions 1. Be sure to connect a 0.22
µF (± 20 %) capacitor between the VREF pin and AGND. Since
capacitors with the above capacitance affect the analog characteristics of the
µPD9971, place
the capacitor as close as possible to the VREF pin. Do not connect any other capacitors to
the VREF pin.
2. Be sure to connect a 56 k
Ω (± 5 %) resistor between the IREF pin and AGND. Do not connect
any other resistors to the IREF pin.
3. Note that output may be unstable if another analog block is started before this block is set to
the normal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com