Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 19Page - Renesas Technology Corp UPD9971 Datasheet HTML 20Page - Renesas Technology Corp UPD9971 Datasheet HTML 21Page - Renesas Technology Corp UPD9971 Datasheet HTML 22Page - Renesas Technology Corp UPD9971 Datasheet HTML 23Page - Renesas Technology Corp UPD9971 Datasheet HTML 24Page - Renesas Technology Corp UPD9971 Datasheet HTML 25Page - Renesas Technology Corp UPD9971 Datasheet HTML 26Page - Renesas Technology Corp UPD9971 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
21
3. CPU INTERFACE
Two interface modes are available: parallel interface mode, and serial interface mode. The access methods from the
host CPU interface are described below.
3.1 Parallel Host CPU Interface
Setting the PS pin to low level enters the parallel I/F mode.
3.1.1 Write access
During write access, data is written to the
µPD9971 from the system.
• A0 is used to distinguish between address write cycles and data write cycles.
• A1 is used to distinguish between register access for the sound generator and chip control. (0: For chip control,
1: For the sound generator)
• In the address write cycle, the data write address is assigned to bits D7 to D0.
Caution
Be sure to fix the RD_B pin to the high level during address write cycles and data write cycles.
Figure 3-1 Write Access (Single Access)
CS_B
A0, A1
WR_B
RD_B
D7 to D0
Address write cycle
Data write cycle
tsuAW
thAW
twWR
trcWR
tsuD1
thD1
Write address
Write data
D.C
D.C
H
D.C
Next address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com