Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 42Page - Renesas Technology Corp UPD9971 Datasheet HTML 43Page - Renesas Technology Corp UPD9971 Datasheet HTML 44Page - Renesas Technology Corp UPD9971 Datasheet HTML 45Page - Renesas Technology Corp UPD9971 Datasheet HTML 46Page - Renesas Technology Corp UPD9971 Datasheet HTML 47Page - Renesas Technology Corp UPD9971 Datasheet HTML 48Page - Renesas Technology Corp UPD9971 Datasheet HTML 49Page - Renesas Technology Corp UPD9971 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
44
5.8 Digital Mixing Block
Figure 5-9 Digital Mixing Block
Audio
DAC
MELLSW[1:0],
MELRSW[1:0]
DACLMIX[1:0],
DACRMIX[1:0]
DACLSW[1:0],
DACRSW[1:0]
L-ch
R-ch
R-ch
L-ch
STADIG
MELLMIX[1:0],
MELRMIX[1:0]
DACLMIX
Audio serial I/F
(ASI)
DACLSW
DACRSW
R-ch
L-ch
DACRMIX
Audio serial I/F
(ASI)
MELLMIX
Melody
3D positioning
MELLSW
MELRSW
R-ch
L-ch
MELRMIX
Melody
3D positioning
Audio
DAC
Audio serial I/F
(ASO)
Audio serial I/F
(ASO)
This block has the following functions:
• Mixes digital signals input from the audio serial interface and output from the sound generator. (The mixing can
be performed only when the fs = 32 kHz.)
• Outputs the mixed digital data to the ASIO and Audio DAC blocks.
• Equipped with selectors to select channels. The selector names and the selectable channels are as follows:
Through (L-ch
→ L-ch and R-ch → R-ch); Channel inversion (L-ch → R-ch and R-ch → L-ch); Monaural (L-ch
→ L-ch + R-ch and R-ch → L-ch + R-ch); Mute (L-ch → no output and R-ch → no output).
In the case of the monaural selector, first, the L-ch and R-ch are divided by two then added.
• Receives power supply from DVDD.
This block operates when the STADIG bit is set to the high level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com