Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 37Page - Renesas Technology Corp UPD9971 Datasheet HTML 38Page - Renesas Technology Corp UPD9971 Datasheet HTML 39Page - Renesas Technology Corp UPD9971 Datasheet HTML 40Page - Renesas Technology Corp UPD9971 Datasheet HTML 41Page - Renesas Technology Corp UPD9971 Datasheet HTML 42Page - Renesas Technology Corp UPD9971 Datasheet HTML 43Page - Renesas Technology Corp UPD9971 Datasheet HTML 44Page - Renesas Technology Corp UPD9971 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
39
5.4 Sound Generator Core (Sound Generator/3D Positioning/Equalizer) Interface Block
Figure 5-5 Sound Generator Core
EX3DAEN
STSYNTH
Audio
serial I/F
Melody core
&
3D positioning
AULDG
AURDG
MELLDG
MELRDG
EX3DAEN
EX3DAEN
EX3DAEN
PCMRSW
PCMLSW
L-ch
R-ch
R-ch
L-ch
STADIG
PCMLSW
EX3DAEN
PCMRSW
This block has the following functions:
• Can perform surround processing of PCM data input from ASI, when the sampling frequency is 32 kHz.
• Needs to be set to the expansion 3DA mode (the EX3DAEN bits = high) to perform surround processing of
PCM data input from ASI, when the sampling frequency is 44.1 kHz.
• Switches the output destination of surround-processed data from the MELLDG or MELRDG block to the
AULDG or AURDG block, when the expansion 3DA mode is selected.
• Receives power supply from DVDD.
In this block, the audio serial interface operates when STADIG = high.
In this block, the sound generator core block operates when STSYNTH = high.
The table below shows the selection and addition of audio data that goes through surround processing.
Table 5-3 Selection of Data Going Through Surround Processing
Block
Set Address
Adjustable Range
PCMLSW
0BH
Mute, ASI input
PCMRSW
0BH
Mute, ASI input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com