Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 68Page - Renesas Technology Corp UPD9971 Datasheet HTML 69Page - Renesas Technology Corp UPD9971 Datasheet HTML 70Page - Renesas Technology Corp UPD9971 Datasheet HTML 71Page - Renesas Technology Corp UPD9971 Datasheet HTML 72Page - Renesas Technology Corp UPD9971 Datasheet HTML 73Page - Renesas Technology Corp UPD9971 Datasheet HTML 74Page - Renesas Technology Corp UPD9971 Datasheet HTML 75Page - Renesas Technology Corp UPD9971 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
70
6.21 Setting of LSI Version (LSIVER)
This register shows the LSI version. This register is read only. It is impossible to write to the register.
Address: 3FH, register name: LSIVER, block: test, access: R, initial value: Undefined
D7
D6
D5
D4
D3
D2
D1
D0
1
0
1
1
VER[3:0]
6.21.1 VER[3:0]
Data
Mode
Initial Value
Description
VER [3:0]
Reads LSI version.
6.22 Setting of Bank in Serial Interface Mode (BANK)
This register performs setting for bank switching.
Address: 7CH, register name: BANK, block: CPU I/F, access: R/W, initial value: 00H
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
BANK[1:0]
6.22.1 BANK[1:0]
A1 Pin
Data
Initial Value
Description
*
00h
Accesses to addresses from 00H to 7FH of registers of Control
register bank (in serial I/F).
*
01h
Accesses to addresses from 80H to FFH of registers of Control
register bank (in serial I/F).
*
02h
Accesses to addresses from 00H to 7FH of sound generator
registers (in serial I/F).
*
03h
00H
Accesses to addresses from 80H to FFH of sound generator
registers (in serial I/F).
The bank switching in parallel interface mode is shown in the table below.
A1 Pin
Data
Initial Value
Description
0
*
Accesses to addresses from 00H to FFH of registers of Control
register bank.
1
*
0
Accesses to addresses from 00H to FFH of sound generator
registers.
Caution
Be sure to set 0 for addresses from D7 to D2.
BANK switching is effective only in serial interface mode (PS = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com