Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 93Page - Renesas Technology Corp UPD9971 Datasheet HTML 94Page - Renesas Technology Corp UPD9971 Datasheet HTML 95Page - Renesas Technology Corp UPD9971 Datasheet HTML 96Page - Renesas Technology Corp UPD9971 Datasheet HTML 97Page - Renesas Technology Corp UPD9971 Datasheet HTML 98Page - Renesas Technology Corp UPD9971 Datasheet HTML 99Page - Renesas Technology Corp UPD9971 Datasheet HTML 100Page - Renesas Technology Corp UPD9971 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
95
9.5.4 Serial CPU interface mode (Common to the 3-wire SPI mode and 4-wire SPI mode)
Timing requirements (EVDD = 1.8 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
SCLK cycle timeperiod
tckw
100
ns
SCLK high level width
tckh
50
ns
SCLK low level width
tckl
50
ns
Data setup time
tsck
SCLK
↑
20
ns
Data hold time
thck
SCLK
↑
10
ns
SCS setup time
tscs
SCLK
↑
20
ns
SCS hold time
thcs
SCLK
↑
20
ns
Data delay time
tracc
Time until SCLK
↓ data is output
5
20
ns
SCS recovery time
tcsacc
From SCS
↑ to SCS↓
1
sclk
Data delay time
tdz
Time until SCLK
↓ data change to Hi-z
0
20
ns
SERINIT hold time
thcsINIT
SERINIT
↑
80
ns
SCS setup time
tdhh
SERINT
↑
0
ns
SERINIT width
twhSERINIT
20
ns
SCS hold time
tdll
SERINT
↓
0
20
ns
Serial interface write timing
SCS
SCLK
Data
R/W
A0
D7
D0
tscs
tckw
thcs
tckl
tckh
tsck
thck
Hi-Z
Hi-Z
Serial interface read timing
SCS
SCLK
Data
R/W
A0
D7
D0
Hi-Z
Hi-Z
tscs
tckw
thcs
tckl
tckh
tsck
thck
tdz
Hi-Z
tracc
tracc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com