Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 91Page - Renesas Technology Corp UPD9971 Datasheet HTML 92Page - Renesas Technology Corp UPD9971 Datasheet HTML 93Page - Renesas Technology Corp UPD9971 Datasheet HTML 94Page - Renesas Technology Corp UPD9971 Datasheet HTML 95Page - Renesas Technology Corp UPD9971 Datasheet HTML 96Page - Renesas Technology Corp UPD9971 Datasheet HTML 97Page - Renesas Technology Corp UPD9971 Datasheet HTML 98Page - Renesas Technology Corp UPD9971 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
93
9.5.3 Parallel CPU interface
Timing requirements (EVDD = 1.8 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
RD_B width
twRD
100
ns
WR_B width
twWR
40
ns
RD_B recovery time
trcRD
During read access to the sound generator
register
30
ns
WR_B recovery time
trcWR
During write access to registers of control
register bank
80
ns
Data setup time
tsuDI
WR_B
↑
50
ns
Data hold time
thDI
WR_B
↑
0
ns
A, CS_B setup time
tsuAW
WR_B
↑
50
ns
A, CS_B hold time
thAW
WR_B
↑
0
ns
A, CS_B setup time
tsuAR
RD_B
↓
0
ns
A, CS_B hold time
thAR
RD_B
↑
0
ns
Switching characteristics (EVDD = 1.8 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Data access time 1
taccDO
RD_B
↓, Isink = 1 mA
100
ns
Data hold time 1
tdDO
RD_B
↑, Isink = 1 mA
0
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com