Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 65Page - Renesas Technology Corp UPD9971 Datasheet HTML 66Page - Renesas Technology Corp UPD9971 Datasheet HTML 67Page - Renesas Technology Corp UPD9971 Datasheet HTML 68Page - Renesas Technology Corp UPD9971 Datasheet HTML 69Page - Renesas Technology Corp UPD9971 Datasheet HTML 70Page - Renesas Technology Corp UPD9971 Datasheet HTML 71Page - Renesas Technology Corp UPD9971 Datasheet HTML 72Page - Renesas Technology Corp UPD9971 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
67
6.18 Setting of LSI Standby (MSIO) (STNBY2)
This register performs setting for standby.
MEN and MBCLK are set to standby only when both STMSI and STMSO bits are set to standby. For details, refer to
Table 2-3 Pin Statuses in MSIO Block.
Address: 20H, register name: STNBY2, block: MSIO, access: R/W, initial value: 00H
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
STMSI
STMSO
6.18.1 STMSO
Data
Mode
Initial Value
Description
0
Stand-by
Standby for MSO (external sound generator connection serial interface
input)
1
ON
0
Normal operation
6.18.2 STMSI
Data
Mode
Initial Value
Description
0
Stand-by
Standby for MSO (external sound generator connection serial interface
input)
1
ON
0
Normal operation
6.19 Setting of MSIO Mode (SEL_MSIO1)
This register performs setting for MSIO.
Address: 21H, register name: SEl_MSIO1, block: MSIO, access: R/W, initial value: 10H
D7
D6
D5
D4
D3
D2
D1
D0
0
MBFS[2:0]
MLOOPSW
MMS
SMEN
SMBCLK
6.19.1 SMBCLK
Data
Mode
Initial Value
Description
0
Normal
Sets bit clock MBCLK to normal.
1
Inverted
0
Sets bit clock MBCLK to invert.
6.19.2 SMEN
Data
Mode
Initial Value
Description
0
Frame
synchronization
mode
Sets MEN to frame synchronization mode.
1
Stereo mode
0
Sets MEN to LR stereo mode.
Remark
In LR stereo mode, R-ch data is stored in the high cycle of the MEN signal, and L-ch data in the Low
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com