Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 50Page - Renesas Technology Corp UPD9971 Datasheet HTML 51Page - Renesas Technology Corp UPD9971 Datasheet HTML 52Page - Renesas Technology Corp UPD9971 Datasheet HTML 53Page - Renesas Technology Corp UPD9971 Datasheet HTML 54Page - Renesas Technology Corp UPD9971 Datasheet HTML 55Page - Renesas Technology Corp UPD9971 Datasheet HTML 56Page - Renesas Technology Corp UPD9971 Datasheet HTML 57Page - Renesas Technology Corp UPD9971 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
52
6.3 Selecting Input Clock (MCLKSEL)
This register selects the clock input pin.
Address: 05H, register name: MCLKSEL, block: PLL, access: R/W, initial value: 00H
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
CSTRTEN
MCLKSEL
6.3.1 MCLKSEL
Be sure to leave the clock selection pin (CSTRT) open or fix it to the low level (a pull-down resister is contained)
when clock input pins are switched by registers.
Data
Mode
Initial Value
Description
0
MCLK1 input
Selects MCLK1 as the clock input pin.
1
MCLK2 input
0
Selects MCLK2 as the clock input pin.
6.3.2 CSTRTEN
Use the MCLKSEL register for normal switching (In this case, the default setting is CSTRTEN = 0.).
Data
Mode
Initial Value
Description
0
CSTRT
invalidation
Uses the MCLKSEL register for switching clock input pins.
1
CSTRT validation
0
Uses the CSTRT pin for switching clock input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com