Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 49Page - Renesas Technology Corp UPD9971 Datasheet HTML 50Page - Renesas Technology Corp UPD9971 Datasheet HTML 51Page - Renesas Technology Corp UPD9971 Datasheet HTML 52Page - Renesas Technology Corp UPD9971 Datasheet HTML 53Page - Renesas Technology Corp UPD9971 Datasheet HTML 54Page - Renesas Technology Corp UPD9971 Datasheet HTML 55Page - Renesas Technology Corp UPD9971 Datasheet HTML 56Page - Renesas Technology Corp UPD9971 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
51
6.2 Master Clock Switching (MCLK1A, MCLK1B, MCLK2A, and MCLK2B)
These registers are for the settings for the master clocks, refer to 6.3.2 (2) Setting the master clock PLL2 for
Sound generators.
Address: 01H, register name: MCLK1A, block: PLL1, access: R/W, initial value: 1CH
D7
D6
D5
D4
D3
D2
D1
D0
0
MCLK1A[6:0]
Address: 02H, register name: MCLK1B, block: PLL1, access: R/W, initial value: 80H
D7
D6
D5
D4
D3
D2
D1
D0
MCLK1B[7:0]
Address: 03H, register name: MCLK2A, block: PLL2, access: R/W, initial value: 02H
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
MCLK2A[4:0]
Address: 04H, register name: MCLK2B, block: PLL2, access: R/W, initial value: 2AH
D7
D6
D5
D4
D3
D2
D1
D0
MCLK2B[7:0]
6.2.1 MCLK1A[6:0]
Data
Mode
Initial Value
Description
MCLK1A[6:0]
1Ch
Sets PLL1 used for generating the audio master clock.
6.2.2 MLCK1B[7:0]
Data
Mode
Initial Value
Description
MCLK1B[7:0]
80h
Sets PLL1 used for generating the audio master clock.
6.2.3 MCLK2A[4:0]
Data
Mode
Initial Value
Description
MCLK2A[4:0]
02h
Sets PLL2 used for generating the sound generator master clock.
6.2.4 MCLK2B[7:0]
Data
Mode
Initial Value
Description
MCLK2B[7:0]
2Ah
Sets PLL2 used for generating the sound generator master clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com