Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 62Page - Renesas Technology Corp UPD9971 Datasheet HTML 63Page - Renesas Technology Corp UPD9971 Datasheet HTML 64Page - Renesas Technology Corp UPD9971 Datasheet HTML 65Page - Renesas Technology Corp UPD9971 Datasheet HTML 66Page - Renesas Technology Corp UPD9971 Datasheet HTML 67Page - Renesas Technology Corp UPD9971 Datasheet HTML 68Page - Renesas Technology Corp UPD9971 Datasheet HTML 69Page - Renesas Technology Corp UPD9971 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
64
6.15 Digital Volume (ASI Input R-ch) Setting for Audio DAC (AURDG)
This register performs setting for digital gain (ASI input R-ch).
Address: 14H, register name: AURDG, block: Digital volume, access: R/W, initial value: FFH
D7
D6
D5
D4
D3
D2
D1
D0
AURDG2[1:0]
AURDG1[5:0]
6.15.1 AURDG2[1:0]
Data
Mode
Initial Value
Description
AURDG2[1:0]
11b
Performs setting for digital gain (ASI input R-ch)
6.15.2 AURDG1[5:0]
Data
Mode
Initial Value
Description
AURDG1[5:0]
111111b
Performs setting for digital gain (ASI input R-ch)
Remark
The setting value is derived from the sum of the corresponding gain setting values in Digital Gain
Settings 1 and 2((Refer to Table 6-6 Digital Gain Settings 1, Table 6-7 Digital Gain Settings 2).
Example
When +10 dB is set: (+12 dB) + (
−2 dB) → 82H
When 0 dB is set:
(0 dB) + (0 dB)
→ 00H
When
−20 dB is set: (0 dB) + (−20 dB) → 14H
When
−60 dB is set: (0 dB) + (−60 dB) → 3H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com