Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 44Page - Renesas Technology Corp UPD9971 Datasheet HTML 45Page - Renesas Technology Corp UPD9971 Datasheet HTML 46Page - Renesas Technology Corp UPD9971 Datasheet HTML 47Page - Renesas Technology Corp UPD9971 Datasheet HTML 48Page - Renesas Technology Corp UPD9971 Datasheet HTML 49Page - Renesas Technology Corp UPD9971 Datasheet HTML 50Page - Renesas Technology Corp UPD9971 Datasheet HTML 51Page - Renesas Technology Corp UPD9971 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
46
5.9 Serial Interface Dedicated to Sound Generator Core External Connection (MSIO)
Figure 5-10 Serial Interface Dedicated to Sound generator Core External Connection
Melody serial
I/F
MEN
L-ch
MMS
Melody core
STMSI,
STMSO
MBCLK
MSO
MSI
STMSO
STMSI
MLOOPSW
Melody core
Melody core
R-ch
R-ch
L-ch
MMS
SMBCLK
SMEN
MBFS[2:0]
MCHO[3:0]
MCHI[3:0]
MBFS[2:0] MLOOPSW
MMS
SMBCLK
SMEN
MMS
Melody core
MCHO[3:0]
MCHI[3:0]
This block has the following functions:
• Converts serial data input from MSI into parallel data, and outputs the parallel data to the sound generator core
block.
• Converts parallel data input from the sound generator core block into serial data, and outputs the serial data
from MSO.
• Has a fixed sampling frequency of 32 kHz.
• Can change the frequency of MBCLK (default: 64 fs) by setting the register.
• Can set the number of valid data items in MSI input data and MSO output data individually by setting the
register.
• Can perform data loop back between MSI and MSO by setting the register.
• Can select the slave (default) or master mode by setting the register.
• Can select the frame synchronous (default) or LR stereo mode by setting the register.
• Can invert the MBCLK bit clock by setting the register.
• Receives power supply from DVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com