Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 63Page - Renesas Technology Corp UPD9971 Datasheet HTML 64Page - Renesas Technology Corp UPD9971 Datasheet HTML 65Page - Renesas Technology Corp UPD9971 Datasheet HTML 66Page - Renesas Technology Corp UPD9971 Datasheet HTML 67Page - Renesas Technology Corp UPD9971 Datasheet HTML 68Page - Renesas Technology Corp UPD9971 Datasheet HTML 69Page - Renesas Technology Corp UPD9971 Datasheet HTML 70Page - Renesas Technology Corp UPD9971 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
65
Table 6-6 Digital Gain Settings 1
----DG2[1:0]
Gain
00b
0dB
01b
+6dB
10b
+12dB
11b
Mute (initial value)
Table 6-7 Digital Gain Settings 2
----DG1[5:0]
Gain Setting Value
----DG1[5:0]
Gain Setting Value
000000b
0 dB
100000b
−32 dB
000001b
−1 dB
100001b
−33 dB
000010b
−2 dB
100010b
−34 dB
000011b
−3 dB
100011b
−35 dB
000100b
−4 dB
100100b
−36 dB
000101b
−5 dB
100101b
−37 dB
000110b
−6 dB
100110b
−38 dB
000111b
−7 dB
100111b
−39 dB
001000b
−8 dB
101000b
−40 dB
001001b
−9 dB
101001b
−41 dB
001010b
−10 dB
101010b
−42 dB
001011b
−11 dB
101011b
−43 dB
001100b
−12 dB
101100b
−44 dB
001101b
−13 dB
101101b
−45 dB
001110b
−14 dB
101110b
−46 dB
001111b
−15 dB
101111b
−47 dB
010000b
−16 dB
110000b
−48 dB
010001b
−17 dB
110001b
−49 dB
010010b
−18 dB
110010b
−50 dB
010011b
−19 dB
110011b
−51 dB
010100b
−20 dB
110100b
−52 dB
010101b
−21 dB
110101b
−53 dB
010110b
−22 dB
110110b
−54 dB
010111b
−23 dB
110111b
−55 dB
011000b
−24 dB
111000b
−56 dB
011001b
−25 dB
111001b
−57 dB
011010b
−26 dB
111010b
−58 dB
011011b
−27 dB
111011b
−59 dB
011100b
−28 dB
111100b
−60 dB
011101b
−29 dB
111101b
−61 dB
011110b
−30 dB
111110b
−62 dB
011111b
−31 dB
111111b
−63 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com