| Electronic Components Datasheet Search |
|
UPD9971 Datasheet(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD9971 Datasheet(HTML) 32 Page - Renesas Technology Corp |
|
32 / 112 page ![]() µPD9971 Data Sheet S17455EJ2V0DS 30 3.2.5 Initialization of serial interface The SERINIT (D0) pin is an initialization signal for the serial I/F and is used for compulsory initialization of the serial I/F during write/read continuous access. (Therefore, this pin is normally used at low level if compulsory initialization is unnecessary) The compulsory initialization operates only the serial I/F and is asynchronously performed by SCS = 1 and SERINIT = 0. On the other hand the registers in the sound generator and chip control are not initialized. Therefore the serial I/F wait for a new address to be input after initialization. An example of this initialization signal is shown below. Figure 3-11 Canceling Continuous Access Using SERINT (D0) Pin (a) Write Access TXD SCLK SCS R/W A6 A0 D0 D7 D0 RXD D7 SERINIT R/W A6 Hi-Z Address Hi-Z The number of times of data(n–1) Waiting for 'Data 2' input Initializing serial I/F Waiting for address input New command Data 1 8 bits (b) Read Access TXD SCLK SCS R/W A6 A0 D0 RXD D7 SERINIT R/W A6 Hi-Z Address Hi-Z The number of times of data(n–1) Initializing serial I/F Waiting for address input New command D7 D0 Data 1 8 bits From CPU To CPU Hi-Z Remark The initialization conditions in 3 / 4 -wire mode are the same. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |