Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPD9971 Datasheet HTML 1Page - Renesas Technology Corp UPD9971 Datasheet HTML 2Page - Renesas Technology Corp UPD9971 Datasheet HTML 3Page - Renesas Technology Corp UPD9971 Datasheet HTML 4Page - Renesas Technology Corp UPD9971 Datasheet HTML 5Page - Renesas Technology Corp UPD9971 Datasheet HTML 6Page - Renesas Technology Corp UPD9971 Datasheet HTML 7Page - Renesas Technology Corp UPD9971 Datasheet HTML 8Page - Renesas Technology Corp UPD9971 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
2
• Power supply voltages
I/O power supply (EVDD):
1.7 to 3.3 V
Power supply for PLL (PLLVDD):
2.7 to 3.3 V
Analog power supply (AVDD):
2.7 to 3.3 V
Power supply for regulators (REGVDD):
2.7 to 3.3 V
Digital power supply (DVDD):
Internal regulators (External voltage can be applied)
• Operating ambient temperatures: −20 to +85 °C
• 85-pin tape FBGA package (Body size: 6 × 6 mm, Ball pitch: 0.5 mm)
ORDERING INFORMATION
Part number
Package
µPD9971F9-BA3-A
85-pin tape FBGA (6
× 6)
Remark
A lead-free product.
BLOCK DIAGRAM
D1 to D7
RD_B/SPIMODE
WR_B/SCLK
CS_B/SCS
LED
R-ch
L-ch
INT_B
A0/Data,TXD
A1/RXD
VIB
LED
LINOR
LINOL
Vibrator
ASIO
D0/SERINIT
Melody core
&
3D positioning
MSO
MEN
MSI
MBCLK
MSIO
Audio
DAC
Audio
DAC
Master
VR
Master
VR
Digital mixing
VR
VR
VR
VR
Band gap
reference
Regulator
PLL1
PLL2
Rch
Lch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com