Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 59Page - Renesas Technology Corp UPD9971 Datasheet HTML 60Page - Renesas Technology Corp UPD9971 Datasheet HTML 61Page - Renesas Technology Corp UPD9971 Datasheet HTML 62Page - Renesas Technology Corp UPD9971 Datasheet HTML 63Page - Renesas Technology Corp UPD9971 Datasheet HTML 64Page - Renesas Technology Corp UPD9971 Datasheet HTML 65Page - Renesas Technology Corp UPD9971 Datasheet HTML 66Page - Renesas Technology Corp UPD9971 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
61
6.10 Setting of General-Purpose Output Pins (POUT)
This register performs setting for POUT.
Address: 0EH, register name: POUT, block: PO, access: R/W, initial value: 00H
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
POUT3
POUT2
POUT1
POUT0
6.10.1 POUT0 to POUT3
Data
Mode
Initial Value
Description
0
LOW
Performs low-level output from the corresponding pin from PO0 to
PO3.
1
HIGH
0
Performs high-level output from the corresponding pin from PO0 to
PO3.
Remark
While STADIG is set to standby mode, the POUT output retains the data value.
6.11 Audio Soft Mute Control (SMUTE)
This register controls soft mute.
Address: 10H, register name: SMUTE, block: Audio , access: R/W, initial value: 00h
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
SLOPE[1:0]
AUSMUTE
MELSMUTE
6.11.1 SLOPE[1:0]
Data
Mode
Initial Value
Description
00b
8 ms
Sets soft mute cancel time at 8 ms (from
−63 dB to 0 dB).
01b
16 ms
Sets soft mute cancel time at 16 ms (from
−63 dB to 0 dB).
10b
24 ms
Sets soft mute cancel time at 24 ms (from
−63 dB to 0 dB).
11b
32 ms
00b
Sets soft mute cancel time at 32 ms (from
−63 dB to 0 dB).
6.11.2 AUSMUTE
Data
Mode
Initial Value
Description
0
OFF
Soft mute control is not provided for ASIO input data.
1
ON
0
Soft mute control is provided for ASIO input data.
6.11.3 MELSMUTE
Data
Mode
Initial Value
Description
0
OFF
Soft mute control is not provided for sound generator output.
1
ON
0
Soft mute control is provided for sound generator output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com