Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 10Page - Renesas Technology Corp UPD9971 Datasheet HTML 11Page - Renesas Technology Corp UPD9971 Datasheet HTML 12Page - Renesas Technology Corp UPD9971 Datasheet HTML 13Page - Renesas Technology Corp UPD9971 Datasheet HTML 14Page - Renesas Technology Corp UPD9971 Datasheet HTML 15Page - Renesas Technology Corp UPD9971 Datasheet HTML 16Page - Renesas Technology Corp UPD9971 Datasheet HTML 17Page - Renesas Technology Corp UPD9971 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
12
2.3 Descriptions of Pin Functions
(1) Power supply pins and GND pins
Pin Name
Pin No.
I/O
Functions
DVDD
4C, 7C, 7H,
8F, 10D
−
Power supply for digital blocks
When using an internal regulator, connect this pin and the REGOUT pin on the
outside of the
µPD9971.
Be sure to connect a 0.1
µF capacitor between this pin and DGND.
DGND
5C, 5K
−
Ground for digital blocks
EVDD
8H, 9C
−
Power supply for digital I/O
Be sure to connect a 0.1
µF capacitor between this pin and EGND.
EGND
6A, 8G
−
Ground for digital I/O
PLLVDD
2G
−
Power supply for PLL
Be sure to connect a 0.1
µF capacitor between this pin and PLLGND.
PLLGND
1H
−
Ground for PLL
AVDD
1E
−
Power supply for analog blocks
Be sure to connect a 0.1
µF capacitor between this pin and AGND.
AGND
1D
−
Ground for analog blocks
AGND2
1G
−
Ground for analog blocks
REGVDD
1J, 3H
−
Power supply for regulator band gap reference
Be sure to connect a 0.1
µF capacitor between this pin and REGGND.
REGGND
3G
−
Ground for regulators
(2) Clock and system control pins
Pin Name
Pin No.
I/O
Functions
MCLK1
2H
Input
Clock input (3.84 MHz to 15.36 MHz)
This is the reference clock input to generate the internal master clock.
Be sure to input using capacitive coupling (1000 pF).
Connect this pin to GND when the pin is not used.
MCLK2
3F
Input
Clock input (3.84 MHz to 15.36 MHz)
This is the reference clock input to generate the internal master clock.
This pin is also used for inputting square waves of input level EVDD.
Connect this pin to GND when the pin is not used.
CSTRT
8C
Input
Signal input to select clock input from outside
Cautions
This pin is valid when the CSTRTEN register is high level.
When the CSTRT pin does switching, however, only limited
frequencies can be input. Before using this pin, be sure to
contact NEC Electronics.
0: Selects input from MCLK2.
1: Selects input from MCLK1
This pin is pulled down in the
µPD9971.
RESET_B
9E
Input
Hardware reset signal input
This resets the
µPD9971.
0: Resets.
1: Cancels the reset.
Registers are initialized to their initial values after a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com