Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 21Page - Renesas Technology Corp UPD9971 Datasheet HTML 22Page - Renesas Technology Corp UPD9971 Datasheet HTML 23Page - Renesas Technology Corp UPD9971 Datasheet HTML 24Page - Renesas Technology Corp UPD9971 Datasheet HTML 25Page - Renesas Technology Corp UPD9971 Datasheet HTML 26Page - Renesas Technology Corp UPD9971 Datasheet HTML 27Page - Renesas Technology Corp UPD9971 Datasheet HTML 28Page - Renesas Technology Corp UPD9971 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
23
3.1.2 Read access
During read access, data is read from the system by
µPD9971. The read access timing is shown below.
• A0 is used to distinguish between address write cycles and data read cycles.
• A1 is used to distinguish between register access for the sound generator and chip control
(0: For chip control ,1: For the sound generator)
• Operation is based on the detection of the rising edge of WR_B and RD_B by the system clock.
• In the address write cycle, the write data address is assigned to bits D7 to D0.
Figure 3-3 Read Access (Single Access)
CS_B
A0, A1
WR_B
RD_B
D7 to D0
Address write cycle
Data read cycle
Read address
Read data
D.C
D.C
D.C
Read data
thAR
tsuAR
twRD
trcRD
tdDO
taccDO
Figure 3-4 Read Access (Continuous Access)
CS_B
A0, A1
WR_B
RD_B
D7 to D0
Read access
Continuous read access
Read address
Read address
Read data
D.C
Read data
D.C
Read data
D.C
D.C
D.C
D.C
Remark
Set the CS_B pin to the low level during the read period. It is not necessary to always set the CS_B pin to
the low level during continuous read access.
D.C.: Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com