Electronic Components Datasheet Search
  English  ▼

X  

UPD9971 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPD9971
Description  MOS INTEGRATED CIRCUIT
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9971 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPD9971 Datasheet HTML 7Page - Renesas Technology Corp UPD9971 Datasheet HTML 8Page - Renesas Technology Corp UPD9971 Datasheet HTML 9Page - Renesas Technology Corp UPD9971 Datasheet HTML 10Page - Renesas Technology Corp UPD9971 Datasheet HTML 11Page - Renesas Technology Corp UPD9971 Datasheet HTML 12Page - Renesas Technology Corp UPD9971 Datasheet HTML 13Page - Renesas Technology Corp UPD9971 Datasheet HTML 14Page - Renesas Technology Corp UPD9971 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
µPD9971
Data Sheet S17455EJ2V0DS
9
1. FUNCTIONS
1.1 General Descriptions of Functions
(1) Power supply voltages
Digital I/O power supply:
1.7 to 3.3 V, 1.8 V TYP.
Analog power supply:
2.7 to 3.3 V, 3.0 V TYP.
Power supply for PLL:
2.7 to 3.3 V, 3.0 V TYP.
Power supply for regulators:
2.7 to 3.3 V, 3.0 V TYP.
(Digital power supply:
1.45 to 1.65 V, 1.54 V TYP.)
(2) Operating temperatures
−20 to +85°C
(3) Function blocks
Melody Core:
PCM sound generator core for 128 polyphonic
3D Positioning:
3D positioning surrounds function
Digital Mixing:
Digital mixing circuit
Regulator:
Regulator for digital power supply
PLL1/PLL2:
PLL for sound generator and PLL for audio
Audio DAC:
Stereo 16-bit audio DAC
Band gap:
Circuit generating reference voltage and current for analog circuits
VIB/LED:
Circuit generating control signals for vibration and LED
Master/Digital VR:
Volume circuit
1.2 General Descriptions of Circuits
Block
Functions
Melody Core
Up to 128 tones can be produced at the same time.
This block contains a PCM sound generator and a sequencer. The sampling frequency is 32 kHz.
3D Positioning
3D positioning surround function
Digital Mixing
Switching or adding sound generator output and audio serial input.
PLL
Generates master clocks for processing internal signals.
Input clocks: 3.84 MHz to 15.36 MHz
Audio DAC
16 bits
× 2 channels (L-ch and R-ch)
Sampling frequencies: 48 kHz, 44.1 kHz, 32 kHz, 16 kHz, and 8 kHz (Default: 32 kHz)
The interface supports the master and slave modes.
Dynamic range: 90 dBr TYP (for a single block)
Regulator
1.54 V output regulator for digital power supply
VIB/LED
Outputs control signals for VIB and LED.
Master/Digital VR
Master volume: 0 dB to
−45 dB/1.5 dB increments
Digital volume: +12 dB to
−63 dB/1 dB increments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com