Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 46 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 46 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 42Page - Altera Corporation APEX20K Datasheet HTML 43Page - Altera Corporation APEX20K Datasheet HTML 44Page - Altera Corporation APEX20K Datasheet HTML 45Page - Altera Corporation APEX20K Datasheet HTML 46Page - Altera Corporation APEX20K Datasheet HTML 47Page - Altera Corporation APEX20K Datasheet HTML 48Page - Altera Corporation APEX20K Datasheet HTML 49Page - Altera Corporation APEX20K Datasheet HTML 50Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 117 page
background image
46
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Under hot socketing conditions, APEX 20KE devices will not sustain any
damage, but the I/O pins will drive out.
MultiVolt I/O
Interface
The APEX device architecture supports the MultiVolt I/O interface
feature, which allows APEX devices in all packages to interface with
systems of different supply voltages. The devices have one set of VCC pins
for internal operation and input buffers (VCCINT), and another set for I/O
output drivers (VCCIO).
The APEX 20K VCCINT pins must always be connected to a 2.5 V power
supply. With a 2.5-V VCCINT level, input pins are 2.5-V, 3.3-V, and 5.0-V
tolerant. The VCCIO pins can be connected to either a 2.5-V or 3.3-V power
supply, depending on the output requirements. When VCCIO pins are
connected to a 2.5-V power supply, the output levels are compatible with
2.5-V systems. When the VCCIO pins are connected to a 3.3-V power
supply, the output high is 3.3 V and is compatible with 3.3-V or 5.0-V
systems.
Table 12 summarizes 5.0-V tolerant APEX 20K MultiVolt I/O support.
Notes to Table 12:
(1)
The PCI clamping diode must be disabled to drive an input with voltages higher
than VCCIO.
(2)
When VCCIO = 3.3 V, an APEX 20K device can drive a 2.5-V device with 3.3-V
tolerant inputs.
Open-drain output pins on 5.0-V tolerant APEX 20K devices (with a pull-
up resistor to the 5.0-V supply) can drive 5.0-V CMOS input pins that
require a VIH of 3.5 V. When the pin is inactive, the trace will be pulled up
to 5.0 V by the resistor. The open-drain pin will only drive low or tri-state;
it will never drive high. The rise time is dependent on the value of the pull-
up resistor and load impedance. The IOL current specification should be
considered when selecting a pull-up resistor.
Table 12. 5.0-V Tolerant APEX 20K MultiVolt I/O Support
VCCIO (V)
Input Signals (V)
Output Signals (V)
2.5
3.3
5.0
2.5
3.3
5.0
2.5
vv(1)
v(1)
v
3.3
vv
v(1)
v(2)
vv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com