Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 28 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 28 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 24Page - Altera Corporation APEX20K Datasheet HTML 25Page - Altera Corporation APEX20K Datasheet HTML 26Page - Altera Corporation APEX20K Datasheet HTML 27Page - Altera Corporation APEX20K Datasheet HTML 28Page - Altera Corporation APEX20K Datasheet HTML 29Page - Altera Corporation APEX20K Datasheet HTML 30Page - Altera Corporation APEX20K Datasheet HTML 31Page - Altera Corporation APEX20K Datasheet HTML 32Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 117 page
background image
28
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
The programmable register also supports an asynchronous clear function.
Within the ESB, two asynchronous clears are generated from global
signals and the local interconnect. Each macrocell can either choose
between the two asynchronous clear signals or choose to not be cleared.
Either of the two clear signals can be inverted within the ESB. Figure 15
shows the ESB control logic when implementing product-terms.
Figure 15. ESB Product-Term Mode Control Logic
Note to Figure 15:
(1)
APEX 20KE devices have four dedicated clocks.
Parallel Expanders
Parallel expanders are unused product terms that can be allocated to a
neighboring macrocell to implement fast, complex logic functions.
Parallel expanders allow up to 32 product terms to feed the macrocell OR
logic directly, with two product terms provided by the macrocell and 30
parallel expanders provided by the neighboring macrocells in the ESB.
The Quartus II software Compiler can allocate up to 15 sets of up to two
parallel expanders per set to the macrocells automatically. Each set of two
parallel expanders incurs a small, incremental timing delay. Figure 16
shows the APEX 20K parallel expanders.
CLK2
CLKENA2
CLK1
CLKENA1 CLR2
CLR1
Dedicated
Clocks
Global
Signals
Local
Interconnect
Local
Interconnect
Local
Interconnect
Local
Interconnect
2 or 4
(1)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com