Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 76 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 76 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 72Page - Altera Corporation APEX20K Datasheet HTML 73Page - Altera Corporation APEX20K Datasheet HTML 74Page - Altera Corporation APEX20K Datasheet HTML 75Page - Altera Corporation APEX20K Datasheet HTML 76Page - Altera Corporation APEX20K Datasheet HTML 77Page - Altera Corporation APEX20K Datasheet HTML 78Page - Altera Corporation APEX20K Datasheet HTML 79Page - Altera Corporation APEX20K Datasheet HTML 80Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 117 page
background image
76
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Note to Tables 38 and 39:
(1)
These timing parameters are sample-tested only.
Table 39. APEX 20KE External Bidirectional Timing Parameters
Note (1)
Symbol
Parameter
Conditions
tINSUBIDIR
Setup time for bidirectional pins with global clock at LAB adjacent Input
Register
tINHBIDIR
Hold time for bidirectional pins with global clock at LAB adjacent Input
Register
tOUTCOBIDIR
Clock-to-output delay for bidirectional pins with global clock at IOE output
register
C1 = 10 pF
tXZBIDIR
Synchronous Output Enable Register to output buffer disable delay
C1 = 10 pF
tZXBIDIR
Synchronous Output Enable Register output buffer enable delay
C1 = 10 pF
tINSUBIDIRPLL
Setup time for bidirectional pins with PLL clock at LAB adjacent Input
Register
tINHBIDIRPLL
Hold time for bidirectional pins with PLL clock at LAB adjacent Input
Register
tOUTCOBIDIRPLL
Clock-to-output delay for bidirectional pins with PLL clock at IOE output
register
C1 = 10 pF
tXZBIDIRPLL
Synchronous Output Enable Register to output buffer disable delay with
PLL
C1 = 10 pF
tZXBIDIRPLL
Synchronous Output Enable Register output buffer enable delay with PLL
C1 = 10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com