Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 67 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 67 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 63Page - Altera Corporation APEX20K Datasheet HTML 64Page - Altera Corporation APEX20K Datasheet HTML 65Page - Altera Corporation APEX20K Datasheet HTML 66Page - Altera Corporation APEX20K Datasheet HTML 67Page - Altera Corporation APEX20K Datasheet HTML 68Page - Altera Corporation APEX20K Datasheet HTML 69Page - Altera Corporation APEX20K Datasheet HTML 70Page - Altera Corporation APEX20K Datasheet HTML 71Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 117 page
background image
Altera Corporation
67
APEX 20K Programmable Logic Device Family Data Sheet
Figure 35 shows the output drive characteristics of APEX 20KE devices.
Figure 35. Output Drive Characteristics of APEX 20KE Devices
Note (1)
Note to Figure 35:
(1)
These are transient (AC) currents.
Timing Model
The high-performance FastTrack and MegaLAB interconnect routing
resources ensure predictable performance, accurate simulation, and
accurate timing analysis. This predictable performance contrasts with that
of FPGAs, which use a segmented connection scheme and therefore have
unpredictable performance.
Vo Output Voltage (V)
IOL
IOH
2
4
6
8
10
12
14
16
18
20
22
24
26
Vo Output Voltage (V)
IOL
IOH
5
10
15
20
45
0.5
1
1.5
2
2.5
3
25
30
35
40
50
55
60
Typical IO
Output
Current (mA)
10
20
30
40
50
60
70
80
90
0.5
1
1.5
2
2.5
3
Vo Output Voltage (V)
VCCINT = 1.8 V
VCCIO = 3.3 V
Room Temperature
IOH
IOL
Typical IO
Output
Current (mA)
100
110
120
0.5
1
1.5
2.0
VCCINT = 1.8 V
VCCIO = 2.5V
Room Temperature
VCCINT = 1.8V
VCCIO = 1.8V
Room Temperature
Typical IO
Output
Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com