Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 37 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 37 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 33Page - Altera Corporation APEX20K Datasheet HTML 34Page - Altera Corporation APEX20K Datasheet HTML 35Page - Altera Corporation APEX20K Datasheet HTML 36Page - Altera Corporation APEX20K Datasheet HTML 37Page - Altera Corporation APEX20K Datasheet HTML 38Page - Altera Corporation APEX20K Datasheet HTML 39Page - Altera Corporation APEX20K Datasheet HTML 40Page - Altera Corporation APEX20K Datasheet HTML 41Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 117 page
background image
Altera Corporation
37
APEX 20K Programmable Logic Device Family Data Sheet
Implementing Logic in ROM
In addition to implementing logic with product terms, the ESB can
implement logic functions when it is programmed with a read-only
pattern during configuration, creating a large LUT. With LUTs,
combinatorial functions are implemented by looking up the results, rather
than by computing them. This implementation of combinatorial functions
can be faster than using algorithms implemented in general logic, a
performance advantage that is further enhanced by the fast access times of
ESBs. The large capacity of ESBs enables designers to implement complex
functions in one logic level without the routing delays associated with
linked LEs or distributed RAM blocks. Parameterized functions such as
LPM functions can take advantage of the ESB automatically. Further, the
Quartus II software can implement portions of a design with ESBs where
appropriate.
Programmable Speed/Power Control
APEX 20K ESBs offer a high-speed mode that supports very fast operation
on an ESB-by-ESB basis. When high speed is not required, this feature can
be turned off to reduce the ESB’s power dissipation by up to 50%. ESBs
that run at low power incur a nominal timing delay adder. This
Turbo BitTM option is available for ESBs that implement product-term
logic or memory functions. An ESB that is not used will be powered down
so that it does not consume DC current.
Designers can program each ESB in the APEX 20K device for either
high-speed or low-power operation. As a result, speed-critical paths in the
design can run at high speed, while the remaining paths operate at
reduced power.
I/O Structure
The APEX 20K IOE contains a bidirectional I/O buffer and a register that
can be used either as an input register for external data requiring fast setup
times, or as an output register for data requiring fast clock-to-output
performance. IOEs can be used as input, output, or bidirectional pins. For
fast bidirectional I/O timing, LE registers using local routing can improve
setup times and OE timing. The Quartus II software Compiler uses the
programmable inversion option to invert signals from the row and column
interconnect automatically where appropriate. Because the APEX 20K IOE
offers one output enable per pin, the Quartus II software Compiler can
emulate open-drain operation efficiently.
The APEX 20K IOE includes programmable delays that can be activated to
ensure zero hold times, minimum clock-to-output times, input IOE
register-to-core register transfers, or core-to-output IOE register transfers.
A path in which a pin directly drives a register may require the delay to
ensure zero hold time, whereas a path in which a pin drives a register
through combinatorial logic may not require the delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com