Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 48 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 48 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 44Page - Altera Corporation APEX20K Datasheet HTML 45Page - Altera Corporation APEX20K Datasheet HTML 46Page - Altera Corporation APEX20K Datasheet HTML 47Page - Altera Corporation APEX20K Datasheet HTML 48Page - Altera Corporation APEX20K Datasheet HTML 49Page - Altera Corporation APEX20K Datasheet HTML 50Page - Altera Corporation APEX20K Datasheet HTML 51Page - Altera Corporation APEX20K Datasheet HTML 52Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 117 page
background image
48
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
For designs that require both a multiplied and non-multiplied clock, the
clock trace on the board can be connected to CLK2p. Table 14 shows the
combinations supported by the ClockLock and ClockBoost circuitry. The
CLK2p
pin can feed both the ClockLock and ClockBoost circuitry in the
APEX 20K device. However, when both circuits are used, the other clock
pin (CLK1p) cannot be used.
APEX 20KE ClockLock Feature
APEX 20KE devices include an enhanced ClockLock feature set. These
devices include up to four PLLs, which can be used independently. Two
PLLs are designed for either general-purpose use or LVDS use (on devices
that support LVDS I/O pins). The remaining two PLLs are designed for
general-purpose use. The EP20K200E and smaller devices have two PLLs;
the EP20K300E and larger devices have four PLLs.
The following sections describe some of the features offered by the
APEX 20KE PLLs.
External PLL Feedback
The ClockLock circuit’s output can be driven off-chip to clock other
devices in the system; further, the feedback loop of the PLL can be routed
off-chip. This feature allows the designer to exercise fine control over the
I/O interface between the APEX 20KE device and another high-speed
device, such as SDRAM.
Clock Multiplication
The APEX 20KE ClockBoost circuit can multiply or divide clocks by a
programmable number. The clock can be multiplied by m/(n
× k) or
m/(n
× v), where m and k range from 2 to 160, and n and v range from 1 to
16. Clock multiplication and division can be used for time-domain
multiplexing and other functions, which can reduce design LE
requirements.
Table 14. Multiplication Factor Combinations
Clock 1
Clock 2
×1
×1
×1, ×2
×2
×1, ×2, ×4
×4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com