Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 62 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 62 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 58Page - Altera Corporation APEX20K Datasheet HTML 59Page - Altera Corporation APEX20K Datasheet HTML 60Page - Altera Corporation APEX20K Datasheet HTML 61Page - Altera Corporation APEX20K Datasheet HTML 62Page - Altera Corporation APEX20K Datasheet HTML 63Page - Altera Corporation APEX20K Datasheet HTML 64Page - Altera Corporation APEX20K Datasheet HTML 65Page - Altera Corporation APEX20K Datasheet HTML 66Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 117 page
background image
62
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Notes to Tables 23 through 26:
(1)
See the Operating Requirements for Altera Devices Data Sheet.
(2)
All APEX 20K devices are 5.0-V tolerant.
(3)
Minimum DC input is –0.5 V. During transitions, the inputs may undershoot to –2.0 V or overshoot to 5.75 V for
input currents less than 100 mA and periods shorter than 20 ns.
(4)
Numbers in parentheses are for industrial-temperature-range devices.
(5)
Maximum VCC rise time is 100 ms, and VCC must rise monotonically.
(6)
All pins, including dedicated inputs, clock I/O, and JTAG pins, may be driven before VCCINT and VCCIO are
powered.
(7)
Typical values are for TA= 25° C, VCCINT = 2.5 V, and VCCIO = 2.5 or 3.3 V.
(8)
These values are specified in the APEX 20K device recommended operating conditions, shown in Table 26 on
page 62.
(9)
The APEX 20K input buffers are compatible with 2.5-V and 3.3-V (LVTTL and LVCMOS) signals. Additionally, the
input buffers are 3.3-V PCI compliant when VCCIO and VCCINT meet the relationship shown in Figure 33 on page 68.
(10) The IOH parameter refers to high-level TTL, PCI or CMOS output current.
(11) The IOL parameter refers to low-level TTL, PCI, or CMOS output current. This parameter applies to open-drain pins
as well as output pins.
(12) This value is specified for normal device operation. The value may vary during power-up.
(13) Pin pull-up resistance values will be lower if an external source drives the pin higher than VCCIO.
(14) Capacitance is sample-tested only.
Tables 27 through 30 provide information on absolute maximum ratings,
recommended operating conditions, DC operating conditions, and
capacitance for 1.8-V APEX 20KE devices.
Table 26. APEX 20K 5.0-V Tolerant Device Capacitance
Notes (2), (14)
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input capacitance
VIN = 0 V, f = 1.0 MHz
8
pF
CINCLK
Input capacitance on dedicated
clock pin
VIN = 0 V, f = 1.0 MHz
12
pF
COUT
Output capacitance
VOUT = 0 V, f = 1.0 MHz
8
pF
Table 27. APEX 20KE Device Absolute Maximum Ratings
Note (1)
Symbol
Parameter
Conditions
Min
Max
Unit
VCCINT Supply voltage
With respect to ground (2)
–0.5
2.5
V
VCCIO
–0.5
4.6
V
VI
DC input voltage
–0.5
4.6
V
IOUT
DC output current, per pin
–25
25
mA
TSTG
Storage temperature
No bias
–65
150
° C
TAMB
Ambient temperature
Under bias
–65
135
° C
TJ
Junction temperature
PQFP, RQFP, TQFP, and BGA packages,
under bias
135
° C
Ceramic PGA packages, under bias
150
° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com