Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 17 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 17 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 13Page - Altera Corporation APEX20K Datasheet HTML 14Page - Altera Corporation APEX20K Datasheet HTML 15Page - Altera Corporation APEX20K Datasheet HTML 16Page - Altera Corporation APEX20K Datasheet HTML 17Page - Altera Corporation APEX20K Datasheet HTML 18Page - Altera Corporation APEX20K Datasheet HTML 19Page - Altera Corporation APEX20K Datasheet HTML 20Page - Altera Corporation APEX20K Datasheet HTML 21Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 117 page
background image
Altera Corporation
17
APEX 20K Programmable Logic Device Family Data Sheet
LE Operating Modes
The APEX 20K LE can operate in one of the following three modes:
■
Normal mode
■
Arithmetic mode
■
Counter mode
Each mode uses LE resources differently. In each mode, seven available
inputs to the LE—the four data inputs from the LAB local interconnect,
the feedback from the programmable register, and the carry-in and
cascade-in from the previous LE—are directed to different destinations to
implement the desired logic function. LAB-wide signals provide clock,
asynchronous clear, asynchronous preset, asynchronous load,
synchronous clear, synchronous load, and clock enable control for the
register. These LAB-wide signals are available in all LE modes.
The Quartus II software, in conjunction with parameterized functions
such as LPM and DesignWare functions, automatically chooses the
appropriate mode for common functions such as counters, adders, and
multipliers. If required, the designer can also create special-purpose
functions that specify which LE operating mode to use for optimal
performance. Figure 8 shows the LE operating modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com