Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 20 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 20 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 16Page - Altera Corporation APEX20K Datasheet HTML 17Page - Altera Corporation APEX20K Datasheet HTML 18Page - Altera Corporation APEX20K Datasheet HTML 19Page - Altera Corporation APEX20K Datasheet HTML 20Page - Altera Corporation APEX20K Datasheet HTML 21Page - Altera Corporation APEX20K Datasheet HTML 22Page - Altera Corporation APEX20K Datasheet HTML 23Page - Altera Corporation APEX20K Datasheet HTML 24Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 117 page
background image
20
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
The counter mode uses two three-input LUTs: one generates the counter
data, and the other generates the fast carry bit. A 2-to-1 multiplexer
provides synchronous loading, and another AND gate provides
synchronous clearing. If the cascade function is used by an LE in counter
mode, the synchronous clear or load overrides any signal carried on the
cascade chain. The synchronous clear overrides the synchronous load.
LEs in arithmetic mode can drive out registered and unregistered versions
of the LUT output.
Clear & Preset Logic Control
Logic for the register’s clear and preset signals is controlled by LAB-wide
signals. The LE directly supports an asynchronous clear function. The
Quartus II software Compiler can use a NOT-gate push-back technique to
emulate an asynchronous preset. Moreover, the Quartus II software
Compiler can use a programmable NOT-gate push-back technique to
emulate simultaneous preset and clear or asynchronous load. However,
this technique uses three additional LEs per register. All emulation is
performed automatically when the design is compiled. Registers that
emulate simultaneous preset and load will enter an unknown state upon
power-up or when the chip-wide reset is asserted.
In addition to the two clear and preset modes, APEX 20K devices provide
a chip-wide reset pin (DEV_CLRn) that resets all registers in the device.
Use of this pin is controlled through an option in the Quartus II software
that is set before compilation. The chip-wide reset overrides all other
control signals. Registers using an asynchronous preset are preset when
the chip-wide reset is asserted; this effect results from the inversion
technique used to implement the asynchronous preset.
FastTrack Interconnect
In the APEX 20K architecture, connections between LEs, ESBs, and I/O
pins are provided by the FastTrack Interconnect. The FastTrack
Interconnect is a series of continuous horizontal and vertical routing
channels that traverse the device. This global routing structure provides
predictable performance, even in complex designs. In contrast, the
segmented routing in FPGAs requires switch matrices to connect a
variable number of routing paths, increasing the delays between logic
resources and reducing performance.
The FastTrack Interconnect consists of row and column interconnect
channels that span the entire device. The row interconnect routes signals
throughout a row of MegaLAB structures; the column interconnect routes
signals throughout a column of MegaLAB structures. When using the row
and column interconnect, an LE, IOE, or ESB can drive any other LE, IOE,
or ESB in a device. See Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com