Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 25 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 25 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 21Page - Altera Corporation APEX20K Datasheet HTML 22Page - Altera Corporation APEX20K Datasheet HTML 23Page - Altera Corporation APEX20K Datasheet HTML 24Page - Altera Corporation APEX20K Datasheet HTML 25Page - Altera Corporation APEX20K Datasheet HTML 26Page - Altera Corporation APEX20K Datasheet HTML 27Page - Altera Corporation APEX20K Datasheet HTML 28Page - Altera Corporation APEX20K Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 117 page
background image
Altera Corporation
25
APEX 20K Programmable Logic Device Family Data Sheet
Note to Table 9:
(1)
This connection is supported in APEX 20KE devices only.
Product-Term Logic
The product-term portion of the MultiCore architecture is implemented
with the ESB. The ESB can be configured to act as a block of macrocells on
an ESB-by-ESB basis. Each ESB is fed by 32 inputs from the adjacent local
interconnect; therefore, it can be driven by the MegaLAB interconnect or
the adjacent LAB. Also, nine ESB macrocells feed back into the ESB
through the local interconnect for higher performance. Dedicated clock
pins, global signals, and additional inputs from the local interconnect
drive the ESB control signals.
In product-term mode, each ESB contains 16 macrocells. Each macrocell
consists of two product terms and a programmable register. Figure 13
shows the ESB in product-term mode.
Table 9. APEX 20K Routing Scheme
Source
Destination
Row
I/O Pin
Column
I/O Pin
LE
ESB
Local
Interconnect
MegaLAB
Interconnect
Row
FastTrack
Interconnect
Column
FastTrack
Interconnect
FastRow
Interconnect
Row I/O Pin
vvv
v
Column I/O
Pin
vv
(1)
LE
vvv
v
ESB
vvv
v
Local
Interconnect
vv
v
v
MegaLAB
Interconnect
v
Row
FastTrack
Interconnect
v
v
Column
FastTrack
Interconnect
vv
FastRow
Interconnect
v
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com