Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 75 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 75 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 71Page - Altera Corporation APEX20K Datasheet HTML 72Page - Altera Corporation APEX20K Datasheet HTML 73Page - Altera Corporation APEX20K Datasheet HTML 74Page - Altera Corporation APEX20K Datasheet HTML 75Page - Altera Corporation APEX20K Datasheet HTML 76Page - Altera Corporation APEX20K Datasheet HTML 77Page - Altera Corporation APEX20K Datasheet HTML 78Page - Altera Corporation APEX20K Datasheet HTML 79Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 117 page
background image
Altera Corporation
75
APEX 20K Programmable Logic Device Family Data Sheet
Note to Table 36:
(1)
These parameters are worst-case values for typical applications. Post-compilation
timing simulation and timing analysis are required to determine actual worst-case
performance.
Tables 38 and 39 describe the APEX 20KE external timing parameters.
Table 36. APEX 20KE Routing Timing Microparameters
Note (1)
Symbol
Parameter
tF1-4
Fanout delay using Local Interconnect
tF5-20
Fanout delay estimate using MegaLab Interconnect
tF20+
Fanout delay estimate using FastTrack Interconnect
Table 37. APEX 20KE Functional Timing Microparameters
Symbol
Parameter
TCH
Minimum clock high time from clock pin
TCL
Minimum clock low time from clock pin
TCLRP
LE clear Pulse Width
TPREP
LE preset pulse width
TESBCH
Clock high time for ESB
TESBCL
Clock low time for ESB
TESBWP
Write pulse width
TESBRP
Read pulse width
Table 38. APEX 20KE External Timing Parameters
Note (1)
Symbol
Clock Parameter
Conditions
tINSU
Setup time with global clock at IOE input register
tINH
Hold time with global clock at IOE input register
tOUTCO
Clock-to-output delay with global clock at IOE output register
C1 = 10 pF
tINSUPLL
Setup time with PLL clock at IOE input register
tINHPLL
Hold time with PLL clock at IOE input register
tOUTCOPLL
Clock-to-output delay with PLL clock at IOE output register
C1 = 10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com