Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 53 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 53 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 49Page - Altera Corporation APEX20K Datasheet HTML 50Page - Altera Corporation APEX20K Datasheet HTML 51Page - Altera Corporation APEX20K Datasheet HTML 52Page - Altera Corporation APEX20K Datasheet HTML 53Page - Altera Corporation APEX20K Datasheet HTML 54Page - Altera Corporation APEX20K Datasheet HTML 55Page - Altera Corporation APEX20K Datasheet HTML 56Page - Altera Corporation APEX20K Datasheet HTML 57Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 117 page
background image
Altera Corporation
53
APEX 20K Programmable Logic Device Family Data Sheet
Table 18. APEX 20KE Clock Input & Output Parameters
(Part 1 of 2)
Note (1)
Symbol
Parameter
I/O Standard
-1X Speed Grade
-2X Speed Grade
Units
Min
Max
Min
Max
fVCO (4)
Voltage controlled oscillator
operating range
200
500
200
500
MHz
fCLOCK0
Clock0
PLL output frequency
for internal use
1.5
335
1.5
200
MHz
fCLOCK1
Clock1
PLL output frequency
for internal use
20
335
20
200
MHz
fCLOCK0_EXT Output clock frequency for
external clock0 output
3.3-V LVTTL
1.5
245
1.5
226
MHz
2.5-V LVTTL
1.5
234
1.5
221
MHz
1.8-V LVTTL
1.5
223
1.5
216
MHz
GTL+
1.5
205
1.5
193
MHz
SSTL-2 Class
I
1.5
158
1.5
157
MHz
SSTL-2 Class
II
1.5
142
1.5
142
MHz
SSTL-3 Class
I
1.5
166
1.5
162
MHz
SSTL-3 Class
II
1.5
149
1.5
146
MHz
LVDS
1.5
420
1.5
350
MHz
fCLOCK1_EXT Output clock frequency for
external clock1 output
3.3-V LVTTL
20
245
20
226
MHz
2.5-V LVTTL
20
234
20
221
MHz
1.8-V LVTTL
20
223
20
216
MHz
GTL+
20
205
20
193
MHz
SSTL-2 Class
I
20
158
20
157
MHz
SSTL-2 Class
II
20
142
20
142
MHz
SSTL-3 Class
I
20
166
20
162
MHz
SSTL-3 Class
II
20
149
20
146
MHz
LVDS
20
420
20
350
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com