Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 63 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 63 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 59Page - Altera Corporation APEX20K Datasheet HTML 60Page - Altera Corporation APEX20K Datasheet HTML 61Page - Altera Corporation APEX20K Datasheet HTML 62Page - Altera Corporation APEX20K Datasheet HTML 63Page - Altera Corporation APEX20K Datasheet HTML 64Page - Altera Corporation APEX20K Datasheet HTML 65Page - Altera Corporation APEX20K Datasheet HTML 66Page - Altera Corporation APEX20K Datasheet HTML 67Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 117 page
background image
Altera Corporation
63
APEX 20K Programmable Logic Device Family Data Sheet
Table 28. APEX 20KE Device Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCCINT
Supply voltage for internal logic and
input buffers
(3), (4)
1.71 (1.71)
1.89 (1.89)
V
VCCIO
Supply voltage for output buffers, 3.3-V
operation
(3), (4)
3.00 (3.00)
3.60 (3.60)
V
Supply voltage for output buffers, 2.5-V
operation
(3), (4)
2.375
(2.375)
2.625
(2.625)
V
Supply voltage for output buffers, 1.8-V
operation
(3), (4)
1.71 (1.71)
1.89 (1.89)
V
VI
Input voltage
(5), (6)
–0.5
4.0
V
VO
Output voltage
0VCCIO
V
TJ
Junction temperature
For commercial use
0
85
° C
For industrial use
–40
100
° C
tR
Input rise time
40
ns
tF
Input fall time
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com