Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 78 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 78 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 74Page - Altera Corporation APEX20K Datasheet HTML 75Page - Altera Corporation APEX20K Datasheet HTML 76Page - Altera Corporation APEX20K Datasheet HTML 77Page - Altera Corporation APEX20K Datasheet HTML 78Page - Altera Corporation APEX20K Datasheet HTML 79Page - Altera Corporation APEX20K Datasheet HTML 80Page - Altera Corporation APEX20K Datasheet HTML 81Page - Altera Corporation APEX20K Datasheet HTML 82Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 117 page
background image
78
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Table 41. EP20K200 fMAX Timing Parameters
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Units
Min
Max
Min
Max
Min
Max
tSU
0.5
0.6
0.8
ns
tH
0.7
0.8
1.0
ns
tCO
0.3
0.4
0.5
ns
tLUT
0.8
1.0
1.3
ns
tESBRC
1.7
2.1
2.4
ns
tESBWC
5.7
6.9
8.1
ns
tESBWESU
3.3
3.9
4.6
ns
tESBDATASU
2.2
2.7
3.1
ns
tESBDATAH
0.6
0.8
0.9
ns
tESBADDRSU
2.4
2.9
3.3
ns
tESBDATACO1
1.3
1.6
1.8
ns
tESBDATACO2
2.6
3.1
3.6
ns
tESBDD
2.5
3.3
3.6
ns
tPD
2.5
3.0
3.6
ns
tPTERMSU
2.3
2.7
3.2
ns
tPTERMCO
1.5
1.8
2.1
ns
tF1-4
0.5
0.6
0.7
ns
tF5-20
1.6
1.7
1.8
ns
tF20+
2.2
2.2
2.3
ns
tCH
2.0
2.5
3.0
ns
tCL
2.0
2.5
3.0
ns
tCLRP
0.3
0.4
0.4
ns
tPREP
0.4
0.5
0.5
ns
tESBCH
2.0
2.5
3.0
ns
tESBCL
2.0
2.5
3.0
ns
tESBWP
1.6
1.9
2.2
ns
tESBRP
1.0
1.3
1.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com