Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 64 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 64 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 60Page - Altera Corporation APEX20K Datasheet HTML 61Page - Altera Corporation APEX20K Datasheet HTML 62Page - Altera Corporation APEX20K Datasheet HTML 63Page - Altera Corporation APEX20K Datasheet HTML 64Page - Altera Corporation APEX20K Datasheet HTML 65Page - Altera Corporation APEX20K Datasheet HTML 66Page - Altera Corporation APEX20K Datasheet HTML 67Page - Altera Corporation APEX20K Datasheet HTML 68Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 117 page
background image
64
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Table 29. APEX 20KE Device DC Operating Conditions
Notes (7), (8), (9)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High-level LVTTL, CMOS, or 3.3-V
PCI input voltage
1.7, 0.5
× VCCIO
(10)
4.1
V
VIL
Low-level LVTTL, CMOS, or 3.3-V
PCI input voltage
–0.5
0.8, 0.3
× VCCIO
(10)
V
VOH
3.3-V high-level LVTTL output
voltage
IOH = –12 mA DC,
VCCIO =3.00 V (11)
2.4
V
3.3-V high-level LVCMOS output
voltage
IOH = –0.1 mA DC,
VCCIO =3.00 V (11)
VCCIO –0.2
V
3.3-V high-level PCI output voltage IOH = –0.5 mA DC,
VCCIO = 3.00 to 3.60 V
(11)
0.9
× VCCIO
V
2.5-V high-level output voltage
IOH = –0.1 mA DC,
VCCIO =2.30 V (11)
2.1
V
IOH = –1 mA DC,
VCCIO =2.30 V (11)
2.0
V
IOH = –2 mA DC,
VCCIO =2.30 V (11)
1.7
V
VOL
3.3-V low-level LVTTL output
voltage
IOL = 12 mA DC,
VCCIO =3.00 V (12)
0.4
V
3.3-V low-level LVCMOS output
voltage
IOL = 0.1 mA DC,
VCCIO =3.00 V (12)
0.2
V
3.3-V low-level PCI output voltage IOL = 1.5 mA DC,
VCCIO = 3.00 to 3.60 V
(12)
0.1
× VCCIO
V
2.5-V low-level output voltage
IOL = 0.1 mA DC,
VCCIO =2.30 V (12)
0.2
V
IOL = 1 mA DC,
VCCIO =2.30 V (12)
0.4
V
IOL = 2 mA DC,
VCCIO =2.30 V (12)
0.7
V
II
Input pin leakage current
VI = 4.1 to –0.5 V (13)
–10
10
µA
IOZ
Tri-stated I/O pin leakage current
VO = 4.1 to –0.5 V (13)
–10
10
µA
ICC0
VCC supply current (standby)
(All ESBs in power-down mode)
VI = ground, no load, no
toggling inputs, -1 speed
grade
10
mA
VI = ground, no load, no
toggling inputs,
-2, -3 speed grades
5mA
RCONF
Value of I/O pin pull-up resistor
before and during configuration
VCCIO = 3.0 V (14)
20
50
k
Ω
VCCIO = 2.375 V (14)
30
80
k
Ω
VCCIO =1.71 V (14)
60
150
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com