Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 45 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 45 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 41Page - Altera Corporation APEX20K Datasheet HTML 42Page - Altera Corporation APEX20K Datasheet HTML 43Page - Altera Corporation APEX20K Datasheet HTML 44Page - Altera Corporation APEX20K Datasheet HTML 45Page - Altera Corporation APEX20K Datasheet HTML 46Page - Altera Corporation APEX20K Datasheet HTML 47Page - Altera Corporation APEX20K Datasheet HTML 48Page - Altera Corporation APEX20K Datasheet HTML 49Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 117 page
background image
Altera Corporation
45
APEX 20K Programmable Logic Device Family Data Sheet
Figure 29. APEX 20KE I/O Banks
Notes to Figure 29:
(1)
For more information on placing I/O pins in LVDS blocks, refer to the Guidelines for
Using LVDS Blocks section in Application Note 120 (Using LVDS in APEX 20KE
Devices).
(2)
If the LVDS input and output blocks are not used for LVDS, they can support all of
the I/O standards and can be used as input, output, or bidirectional pins with
VCCIO set to 3.3 V, 2.5 V, or 1.8 V.
Power Sequencing & Hot Socketing
Because APEX 20K and APEX 20KE devices can be used in a mixed-
voltage environment, they have been designed specifically to tolerate any
possible power-up sequence. Therefore, the VCCIO and VCCINT power
supplies may be powered in any order.
f For more information, please refer to the “Power Sequencing
Considerations” section in the Configuring APEX 20KE & APEX 20KC
Devices chapter of the Configuration Devices Handbook.
Signals can be driven into APEX 20K devices before and during power-up
without damaging the device. In addition, APEX 20K devices do not drive
out during power-up. Once operating conditions are reached and the
device is configured, APEX 20K and APEX 20KE devices operate as
specified by the user.
LVDS/LVPECL
Input
Block (2)
(1)
LVDS/LVPECL
Output
Block (2)
(1)
Regular I/O Blocks Support
■ LVTTL
■ LVCMOS
■ 2.5 V
■ 1.8 V
■ 3.3 V PCI
■ LVPECL
■ HSTL Class I
■ GTL+
■ SSTL-2 Class I and II
■ SSTL-3 Class I and II
■ CTT
■ AGP
Individual
Power Bus
I/O Bank 8
I/O Bank 1
I/O Bank 2
I/O Bank 3
I/O Bank 4
I/O Bank 5
I/O Bank 6
I/O Bank 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com